Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR540F Datasheet (PDF) - RFE international

MUR540F Datasheet PDF - RFE international
Part # MUR540F
Download  MUR540F Download
File Size   2679.29 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt

MUR540F Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR540F Datasheet PDF - RFE international

Part # MUR540F
Download  MUR540F Click to download

File Size   2679.29 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt

MUR540F Datasheet (HTML) - RFE international


MUR540F Product details

Adopt FRED chip

Low forward Voltage drop

Fast reverse recovery time

High frequency operation

High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance

Guard ring for enhanced ruggedness and long term reliability




Similar Part No. - MUR540F

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR540F GOOD-ARK-MUR540F Datasheet
377Kb / 8P
Product Specification
logo
Diode Semiconductor Kor...
MUR540F DSK-MUR540F Datasheet
206Kb / 2P
SUPER FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR540F YFWDIODE-MUR540F Datasheet
1Mb / 4P
ULTRAFST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR540F LUGUANG-MUR540F Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 5A FRD
Revision:20241125-P1
More results


Similar Description - MUR540F

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR1040CD LUGUANG-MUR1040CD Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1060CD LUGUANG-MUR1060CD Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1040DC LUGUANG-MUR1040DC Datasheet
699Kb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
MUR1060DC LUGUANG-MUR1060DC Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A*2 FRED Pt
Revision:20220414-P1
logo
RFE international
MUR1640FCT RFE-MUR1640FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640FCT 8A*2 FRED Pt
22-10-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR3060P RFE-MUR3060P Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt
28-10-2020
MUR560D RFE-MUR560D Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 5A FRED Pt MUR560D
10-FEB-2023
MUR560F RFE-MUR560F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR560F 5A FRED Pt
12-11-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com