Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9251 Datasheet (PDF) - Vishay Siliconix

DG9251 Datasheet PDF - Vishay Siliconix
Part # DG9251
Download  DG9251 Download
File Size   300.53 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers

DG9251 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9251 Datasheet PDF - Vishay Siliconix

Part # DG9251
Download  DG9251 Click to download

File Size   300.53 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers

DG9251 Datasheet (HTML) - Vishay Siliconix


DG9251 Product details

• Halogen-free According to IEC 61249-2-21
Definition
• + 2.7 V to + 16 V single supply operation
± 2.7 V to ± 5 V dual supply operation
• Fully specified at + 16 V, + 5 V, ± 5 V
• Low charge injection (< 4.1 pC typ.)
• High bandwidth: 314 MHz (DG9251)
449 MHz (DG9252)
480 MHz (DG9253)
• Low switch capacitance (Cs(off) 2.7 pF typ.)
• Good isolation and crosstalk performance
(typ. - 45 dB at 100 MHz)
• MiniQFN16 package (1.8 mm x 2.6 mm)
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - DG9251

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Aug-11
DG9251EN-T1-E4 VISHAY-DG9251EN-T1-E4 Datasheet
273Kb / 15P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Aug-11
More results


Similar Description - DG9251

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A Datasheet
251Kb / 14P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers, with 0.5 pC Charge Injection
21-Apr-08
logo
Maxim Integrated Produc...
MAX14752 MAXIM-MAX14752 Datasheet
174Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 2; 2/09
MAX14752 MAXIM-MAX14752_10 Datasheet
200Kb / 15P
8-Channel/Dual 4-Channel 72V Analog Multiplexers
Rev 3; 7/10
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
21-Jun-10
DG9251 VISHAY-DG9251 Datasheet
273Kb / 15P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
01-Aug-11
DG9451 VISHAY-DG9451 Datasheet
182Kb / 13P
8-Channel, Dual 4-Channel, Triple 2-Channel Multiplexers
04-Oct-10
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Vishay Siliconix
DG9453 VISHAY-DG9453_V01 Datasheet
216Kb / 13P
8-Channel, Triple 2-Channel Multiplexers
08-Dec-14
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
21-Jun-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com