Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9454 Datasheet (PDF) - Vishay Siliconix

DG9454 Datasheet PDF - Vishay Siliconix
Part # DG9454
Download  DG9454 Download
File Size   197.45 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)

DG9454 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9454 Datasheet PDF - Vishay Siliconix

Part # DG9454
Download  DG9454 Click to download

File Size   197.45 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)

DG9454 Datasheet (HTML) - Vishay Siliconix


DG9454 Product details

• Operates with V+ = 2.7 V to 13.2 V;
VL = 2.5 V to 5.5 V
• Guaranteed 1.8 V logic control at full V+ range
• Low power consumption, < 1 µA
• High bandwidth: 540 MHz
• Low charge injection over the full signal range
(less than 0.9 pQ)
• Low switch capacitance (Cs(off) 2 pF typ.)
• Good isolation and crosstalk performance (typ. - 65 dB at
10 MHz)
• Compact and light miniQFN16 package (1.8 mm x
2.6 mm)
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition




Similar Part No. - DG9454

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9454 VISHAY-DG9454 Datasheet
148Kb / 10P
Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
07-Mar-11
DG9454E VISHAY-DG9454E Datasheet
205Kb / 12P
Analog Switch / Multiplexer
18-Apr-16
DG9454E VISHAY-DG9454E Datasheet
222Kb / 13P
Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
18-Apr-16
DG9454EEN-T1-GE4 VISHAY-DG9454EEN-T1-GE4 Datasheet
205Kb / 12P
Analog Switch / Multiplexer
18-Apr-16
DG9454EEN-T1-GE4 VISHAY-DG9454EEN-T1-GE4 Datasheet
222Kb / 13P
Low Capacitance, 12 V / 5 V / 3 V, Triple SPDT (Triple 2:1) Analog Switch / Multiplexer
18-Apr-16
More results


Similar Description - DG9454

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
739Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV.0
logo
Vishay Siliconix
DG9454 VISHAY-DG9454 Datasheet
148Kb / 10P
Compact, Low Power Consumption, Triple SPDT (Triple 2:1 Multiplexers)
07-Mar-11
DG4051A VISHAY-DG4051A_10 Datasheet
221Kb / 16P
8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
21-Jun-10
logo
Analog Devices
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
logo
Vishay Siliconix
DG4051A VISHAY-DG4051A_V01 Datasheet
306Kb / 18P
8-Channel, Dual 4-Channel, Triple 2-Channel (Triple SPDT) Multiplexers
21-Jun-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com