Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet (PDF) - Analog Devices

AD8183 Datasheet PDF - Analog Devices
Part # AD8183
Download  AD8183 Download
File Size   739.42 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 380 MHz, 25 mA, Triple 2:1 Multiplexers

AD8183 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8183 Datasheet PDF - Analog Devices

Part # AD8183
Download  AD8183 Click to download

File Size   739.42 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 380 MHz, 25 mA, Triple 2:1 Multiplexers

AD8183 Datasheet (HTML) - Analog Devices


AD8183 Product details

PRODUCT DESCRIPTION
The AD8183 (G = +1) and AD8185 (G = +2) are high speed triple 2:1 multiplexers. They offer –3 dB signal bandwidth up to 380 MHz, along with slew rate of 1000 V/µs. With better than –90 dB of channel-to-channel crosstalk and isolation at 10 MHz, they are useful in many high-speed applications. The differential

FEATURES
Fully Buffered Inputs and Outputs
Fast Channel-to-Channel Switching: 15 ns
High Speed
  380 MHz Bandwidth (–3 dB) 200 mV p-p
  310 MHz Bandwidth (–3 dB) 2 V p-p
  1000 V/ms Slew Rate G = +1, 2 V Step
  1150 V/ms Slew Rate G = +2, 2 V Step
  Fast Settling Time of 15 ns to 0.1%
Low Power: 25 mA
Excellent Video Specifications (RL= 150 V)
  Gain Flatness of 0.1 dB to 90 MHz
  0.01% Differential Gain Error
  0.028Differential Phase Error
Low All-Hostile Crosstalk –84 dB @ 5 MHz
                                 –54 dB @ 50 MHz
Low Channel-to-Channel Crosstalk –56 dB @ 100 MHz
High “OFF” Isolation of –100 dB @ 10 MHz
Low Cost
Fast High Impedance Output Disable Feature for Connecting Multiple Devices

APPLICATIONS
Pixel Switching for “Picture-In-Picture”
Switching RGB in LCD and Plasma Displays
RGB Video Switchers and Routers




Similar Part No. - AD8183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
AD8183-EVAL AD-AD8183-EVAL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183-EVAL AD-AD8183-EVAL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
More results


Similar Description - AD8183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com