Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 1 Page - Analog Devices

  AD8183 Datasheet HTML 1Page - Analog Devices AD8183 Datasheet HTML 2Page - Analog Devices AD8183 Datasheet HTML 3Page - Analog Devices AD8183 Datasheet HTML 4Page - Analog Devices AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8183/AD8185*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
*Patents pending.
380 MHz, 25 mA,
Triple 2:1 Multiplexers
FEATURES
Fully Buffered Inputs and Outputs
Fast Channel-to-Channel Switching: 15 ns
High Speed
380 MHz Bandwidth (–3 dB) 200 mV p-p
310 MHz Bandwidth (–3 dB) 2 V p-p
1000 V/ s Slew Rate G = +1, 2 V Step
1150 V/ s Slew Rate G = +2, 2 V Step
Fast Settling Time of 15 ns to 0.1%
Low Power: 25 mA
Excellent Video Specifications (RL = 150
)
Gain Flatness of 0.1 dB to 90 MHz
0.01% Differential Gain Error
0.02 Differential Phase Error
Low All-Hostile Crosstalk –84 dB @ 5 MHz
–54 dB @ 50 MHz
Low Channel-to-Channel Crosstalk –56 dB @ 100 MHz
High “OFF” Isolation of –100 dB @ 10 MHz
Low Cost
Fast High Impedance Output Disable Feature for
Connecting Multiple Devices
APPLICATIONS
Pixel Switching for “Picture-In-Picture”
Switching RGB in LCD and Plasma Displays
RGB Video Switchers and Routers
PRODUCT DESCRIPTION
The AD8183 (G = +1) and AD8185 (G = +2) are high speed
triple 2:1 multiplexers. They offer –3 dB signal bandwidth up to
380 MHz, along with slew rate of 1000 V/
µs. With better than
–90 dB of channel-to-channel crosstalk and isolation at 10 MHz,
they are useful in many high-speed applications. The differential
gain and differential phase errors of 0.01% and 0.02
° respectively,
along with 0.1 dB flatness to 90 MHz make the AD8183 and
AD8185 ideal for professional video and RGB multiplexing. They
offer 15 ns channel-to-channel switching time, making them
an excellent choice for switching video signals, while consuming
less than 25 mA on
±5 V supply voltages.
Both devices offer a high speed disable feature that can set the
output into a high impedance state. This allows the building of
larger input arrays while minimizing “OFF” channel output
loading. They operate on voltage supplies of
±5 V and are offered
in a 24-lead TSSOP package.
Table I. Truth Table
SEL
A/B
OE
OUT
0
0
INA
1
0
INB
0
1
High Z
1
1
High Z
200mV
2ns
VO = 1.4V STEP
RL = 150
1.4V
1.2V
1.0V
0.8V
0.6V
0.4V
0.2V
0.0V
Figure 1. AD8185 Pulse Response; RL = 150 Ω
FUNCTIONAL BLOCK DIAGRAM
AD8183/AD8185
IN0B
GND
IN1B
GND
IN2B
IN0A
DGND
IN1A
GND
VEE
VCC
IN2A
1
2
3
4
5
6
7
8
9
10
11
12
VCC
DVCC
VEE
OUT2
VCC
VCC
OE
SEL
A/B
VCC
OUT1
VEE
OUT0
24
23
22
21
20
19
18
17
16
15
14
13
SELECT
DISABLE
0
1
2


Similar Part No. - AD8183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
AD8183-EVAL AD-AD8183-EVAL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183-EVAL AD-AD8183-EVAL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
More results

Similar Description - AD8183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8185ARUZ AD-AD8185ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com