Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices AD8183 Datasheet HTML 10Page - Analog Devices AD8183 Datasheet HTML 11Page - Analog Devices AD8183 Datasheet HTML 12Page - Analog Devices AD8183 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. 0
AD8183/AD8185
–9–
25mV
2ns
VO = 200mV STEP
RL = 1k
0.10V
0.05V
0.0V
–0.05V
–0.10V
Figure 33. AD8183 Small Signal Pulse Response;
RL = 1 kΩ
100mV
2ns
VO = 0.7V STEP
RL = 1k
0.7V
0.6V
0.5V
0.4V
0.3V
0.2V
0.1V
0.0V
Figure 34. AD8183 Video Amplitude Pulse Response;
RL = 1 kΩ
250mV
2ns
VO = 2V STEP
RL = 1k
1.0V
0.5V
0.0V
–0.5V
–1.0V
Figure 35. AD8183 Large Signal Pulse Response;
RL = 1 kΩ
25mV
2ns
VO = 200mV STEP
RL = 150
0.1V
0.05V
0.0V
–0.05V
–0.1V
Figure 36. AD8185 Small Signal Pulse Response;
RL = 150 Ω
200mV
2ns
VO = 1.4V STEP
RL = 150
1.4V
1.0V
0.6V
0.2V
1.2V
0.8V
0.4V
0.0V
Figure 37. AD8185 Video Amplitude Pulse Response;
RL = 150 Ω
250mV
2ns
VO = 2V STEP
RL = 150
1.0V
0.5V
0.0V
–0.5V
–1.0V
Figure 38. AD8185 Large Signal Pulse Response;
RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com