Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices AD8183 Datasheet HTML 10Page - Analog Devices AD8183 Datasheet HTML 11Page - Analog Devices AD8183 Datasheet HTML 12Page - Analog Devices AD8183 Datasheet HTML 13Page - Analog Devices AD8183 Datasheet HTML 14Page - Analog Devices AD8183 Datasheet HTML 15Page - Analog Devices AD8183 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
AD8183/AD8185
–12–
result, the input and output traces, in addition to having a con-
trolled impedance, are well shielded.
SEL
A/B AND OE
SEL
A/B (Pin 22 of the device) allows the A or B inputs to be
selected.
When SEL
A/B is at logic low, (equal to or less than 0.8 V),
inputs 0A, 1A and 2A are directed to OUTPUTs 0, 1, and 2,
respectively. When SEL
A/B is at logic high, (equal to or greater
than 2.0 V), inputs 0B, 1B, and 2B are directed to OUTPUTs
0, 1, and 2, respectively.
There are two ways to provide SEL
A/B to the device: using a
jumper or a BNC connection. With the jumper in the W4 posi-
tion, SEL
A/B is tied to ground. This selects the A inputs.
With the jumper in the W3 position, SEL
A/B is tied to 5 V,
through pull up resistor R15. This selects the B inputs.
If faster use of SEL
A/B is desired, the 50
Ω BNC connector at
J10 can be used. If J10 is used, there must NOT be a jumper on
W3 and W4. Microstrip line techniques provide a 50
Ω charac-
teristic impedance from J10 to the device. Please refer to Figure
Figure 42. Evaluation Board Schematic
41 for the arrangement of the PCB layers. If J10 is used, the
user may wish to install a 50
Ω termination resistor at R10.
OE (Pin 23 of the device) allows the three outputs to be enabled
or disabled. When
OE is at logic low, (equal to or less than
0.8 V), Outputs 0, 1, and 2 are enabled. When
OE is at logic
high, (equal to or greater than 2.0 V), Outputs 0, 1, and 2 are
disabled (placed into a high impedance state).
Once again, there are two different ways to provide
OE to the
device: using a jumper or a BNC connection. With the jumper
in the W2 position,
OE is tied to ground. This enables the outputs.
With the jumper in the W1 position,
OE is tied to 5 V, through
pull-up resistor R16. This selects “Hi Z,” or high impedance,
and the outputs are disabled.
If faster use of
OE is desired, the 50
Ω BNC connector at J11
can be used. If J11 is used, there must NOT be a jumper on W1
and W2. Microstrip line techniques provide a 50
Ω characteris-
tic impedance from J11 to the device. Please refer to Figure 41
for the arrangement of the PCB layers. If J11 is used, the user
may wish to install a 50
Ω termination resistor at R11.
IN0A
DGND
IN1A
AGND
IN2A
VCC
VEE
IN2B
AGND
IN1B
AGND
IN0B
VCC
OE
SEL
A/B
VCC
OUT0
VEE
OUT1
VCC
OUT2
VEE
DVCC
VCC
AD8183/
AD8185
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DGND
AGND
AGND
AGND
C8
0.01 F
AGND
C7
0.01 F
AGND
VCC
VEE
75
STRIPLINE
R3
75
AGND
J3
IN2A
75
STRIPLINE
R2
75
AGND
J2
IN1A
75
STRIPLINE
R1
75
AGND
J1
IN0A
75
STRIPLINE
R6
75
AGND
J6
IN0B
75
STRIPLINE
R5
75
AGND
J5
IN1B
75
STRIPLINE
R4
75
AGND
J4
IN2B
W5
AGND
DGND
C9
0.01 F
AGND
C10
0.01 F
DGND
C11
0.01 F
AGND
VEE
DVCC
VCC
C12
0.01 F
AGND
VCC
C13
0.01 F
AGND
VEE
C14
0.01 F
AGND
VCC
R10
50
DGND
R13
75
J8
OUT1
75
STRIPLINE
R12
75
J7
OUT2
75
STRIPLINE
R14
75
J9
OUT0
75
STRIPLINE
OPTIONAL
50
MICROSTRIP LINE
DGND
W4
W3
R15
20k
VCC
SEL
A/B
J10
C15
0.01 F
AGND
VCC
R11
50
DGND
OPTIONAL
50
MICROSTRIP LINE
DGND
W2
W1
R16
20k
VCC
OE
J11
OE
P1
DVCC
1
C3
10 F
DGND
+
DVCC
C6
0.1 F
DGND
DVCC
P1
DGND
2
DGND
DGND
P1
VEE
4
C2
10 F
AGND
+
VEE
C5
0.1 F
AGND
VEE
P1
AGND
5
AGND
AGND
P1
VCC
6
C1
10 F
AGND
+
VCC
C4
0.1 F
AGND
VCC
SEL
A/B
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com