Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 2 Page - Analog Devices

  AD8183 Datasheet HTML 1Page - Analog Devices AD8183 Datasheet HTML 2Page - Analog Devices AD8183 Datasheet HTML 3Page - Analog Devices AD8183 Datasheet HTML 4Page - Analog Devices AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD8183/AD8185–SPECIFICATIONS(T
A = 25 C, VS =
5 V, RL = 1 k
unless otherwise noted)
Parameter
Condition
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth (Small Signal)
VOUT = 200 mV p-p
250/300
590/360
MHz
–3 dB Bandwidth (Small Signal)
VOUT = 200 mV p-p, RL = 150 Ω
200/250
380/320
MHz
–3 dB Bandwidth (Large Signal)
VOUT = 2 V p-p
250/300
530/350
MHz
–3 dB Bandwidth (Large Si
VOUT = 2 V p-p, RL = 150 Ω
200/250
310/300
MHz
0.1 dB Bandwidth
VOUT = 200 mV p-p
90/60
MHz
VOUT = 200 mV p-p, RL = 150 Ω
100/160
MHz
Slew Rate
2 V Step
1000/1150
V/
µs
Settling Time to 0.1%
2 V Step, RL = 150 Ω
15
ns
NOISE/DISTORTION PERFORMANCE
Differential Gain
NTSC or PAL, 150
Ω
0.01
%
Differential Phase
NTSC or PAL, 150
Ω
0.02
Degrees
All-Hostile Crosstalk, RTI
ƒ = 5 MHz, AD8185: RL = 150 Ω
–84/–72
dB
ƒ = 50 MHz, AD8185: RL = 150 Ω
–54/–50
dB
Channel-to-Channel Crosstalk, RTI
ƒ = 100 MHz, AD8185: RL = 150 Ω
–56/–54
dB
OFF Isolation
ƒ = 10 MHz, RL = 150 Ω
–100
dB
Voltage Noise, RTI
ƒ = 10 kHz to 30 MHz
28/15
nV/
√Hz
DC PERFORMANCE
Voltage Gain Error
No Load
0.20
0.25/0.85
%
Input Offset Voltage, RTI
5
25/40
mV
TMIN to TMAX
10
mV
Input Offset Voltage Matching, RTI
Channel-to-Channel
1
25/40
mV
Input Offset Drift, RTI
15
µV/°C
Input Bias Current
6/10
10/15
µA
INPUT CHARACTERISTICS
Input Resistance
4/1
8/5
M
Ω
Input Capacitance
Channel Enabled
1
pF
Channel Disabled
1.5
pF
Input Voltage Range
±3.0/±1.5
V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ± 2.90
±3.25
V
RL = 150 Ω± 2.65
±2.95
V
Short Circuit Current
60
mA
Output Resistance
Enabled
0.3
Ω
Disabled
4/1
8/3
M
Ω
Output Capacitance
Disabled
4/6.5
pF
POWER SUPPLY
Operating Range
±4.5
±5.5
V
Power Supply Rejection Ratio
+PSRR +VS = +4.5 V to +5.5 V, –VS = –5 V
58/62
66/72
dB
Power Supply Rejection Ratio
–PSRR –VS = –4.5 V to –5.5 V, +VS = +5 V
52/60
56/68
dB
Quiescent Current
All Channels “ON”
25
30
mA
All Channels “OFF”
3/7
5/10
mA
TMIN to TMAX; All Channels “ON”
25
mA
SWITCHING CHARACTERISTICS
Switch Time
Channel-to-Channel
50% Logic to 50% Output Settling
IN0 = +1 V, IN1 = –1 V
15
ns
ENABLE to Channel ON Time
50% Logic to 50% Output Settling
INPUT = 1 V
20
ns
ENABLE to Channel OFF Time
50% Logic to 50% Output Settling
INPUT = 1 V
45
ns
Channel Switching Transient (Glitch)
All Inputs Grounded
50/70
mV
DIGITAL INPUTS
Logic “1” Voltage
SEL
A/B and OE Inputs
2.0
V
Logic “0” Voltage
SEL
A/B and OE Inputs
0.8
V
Logic “1” Input Current
SEL
A/B and OE = 4 V
10
nA
Logic “0” Input Current
SEL
A/B and OE = 0.4 V
0.5
µA
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (Still Air)
–40
+85
°C
θ
JA
Operating (Still Air)
128
°C/W
θ
JC
Operating
42
°C/W
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com