Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 5 Page - Analog Devices

  AD8183 Datasheet HTML 1Page - Analog Devices AD8183 Datasheet HTML 2Page - Analog Devices AD8183 Datasheet HTML 3Page - Analog Devices AD8183 Datasheet HTML 4Page - Analog Devices AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
AD8183/AD8185
–5–
FREQUENCY – MHz
–10
1
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10
100
1k
RL = 1k
RT = 37.5
ALL-HOSTILE
ADJACENT
Figure 9. AD8183 Crosstalk vs. Frequency
FREQUENCY – MHz
–10
1
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10
100
1k
RL = 1k
RT = 37.5
DRIVE B, LISTEN A
DRIVE A, LISTEN B
Figure 10. AD8183 Channel-to-Channel Crosstalk vs.
Frequency
FUNDAMENTAL FREQUENCY – MHz
0
1
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
VO = 2V p-p
RL = 150
SECOND HARMONIC
THIRD HARMONIC
Figure 11. AD8183 Distortion vs. Frequency
FREQUENCY – MHz
–10
1
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10
100
1k
RL = 150
RT = 37.5
RTI MEASURED
ALL-HOSTILE
ADJACENT
Figure 12. AD8185 Crosstalk vs. Frequency
FREQUENCY – MHz
–10
1
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
10
100
1k
RL = 150
RT = 37.5
RTI MEASURED
DRIVE A, LISTEN B
DRIVE B, LISTEN A
Figure 13. AD8185 Channel-to-Channel Crosstalk vs.
Frequency
FUNDAMENTAL FREQUENCY – MHz
0
1
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
VO = 2V p-p
RL = 150
SECOND HARMONIC
THIRD HARMONIC
Figure 14. AD8185 Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com