Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8183 Datasheet HTML 3Page - Analog Devices AD8183 Datasheet HTML 4Page - Analog Devices AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices AD8183 Datasheet HTML 10Page - Analog Devices AD8183 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. 0
AD8183/AD8185
–7–
FREQUENCY – MHz
–40
0.1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1
10
100
500
Figure 21. AD8183 Off Isolation, Input–Output
FREQUENCY – MHz
–10
0.1
0
10
20
30
40
50
60
70
80
1
10
100
–PSRR
+PSRR
Figure 22. AD8183 PSRR vs. Frequency
FREQUENCY – Hz
170
10
1k
10k
100k
1M
10M
150
130
110
90
70
50
30
10
100
Figure 23. AD8183 Voltage Noise vs. Frequency
FREQUENCY – MHz
–40
0.1
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
1
10
100
500
Figure 24. AD8185 Off Isolation, Input–Output
FREQUENCY – MHz
–10
0.1
0
10
20
30
40
50
60
70
80
1
10
100
+PSRR
–PSRR
Figure 25. AD8185 PSRR vs. Frequency
10
1k
10k
100k
1M
10M
100
FREQUENCY – Hz
170
150
130
110
90
70
50
30
10
Figure 26. AD8185 RTI Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com