Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8183 Datasheet HTML 2Page - Analog Devices AD8183 Datasheet HTML 3Page - Analog Devices AD8183 Datasheet HTML 4Page - Analog Devices AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices AD8183 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
AD8183/AD8185
–6–
FREQUENCY – MHz
0.1
1M
100k
10k
1k
100
1
10
100
1k
0
Figure 15. AD8183 Input Impedance vs. Frequency
FREQUENCY – MHz
0.1
1k
100
10
1
0.1
1
10
100
1k
Figure 16. AD8183 Output Impedance vs. Frequency;
Enabled
FREQUENCY – MHz
0.1
1M
100k
10k
1k
100
1
10
100
1k
10
Figure 17. AD8183 Output Impedance, vs. Frequency;
Disabled
FREQUENCY – MHz
0.1
1M
100k
10k
1k
100
1
10
100
1k
1M
Figure 18. AD8185 Input Impedance vs. Frequency
FREQUENCY – MHz
0.1
1k
100
10
1
0.1
1
10
100
1k
1k
Figure 19. AD8185 Output Impedance vs. Frequency;
Enabled
FREQUENCY – MHz
0.1
1M
100k
10k
1k
100
1
10
100
1k
10
Figure 20. AD8185 Output Impedance vs. Frequency;
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com