Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8183 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8183
Description  380 MHz, 25 mA, Triple 2:1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8183 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8183 Datasheet HTML 4Page - Analog Devices AD8183 Datasheet HTML 5Page - Analog Devices AD8183 Datasheet HTML 6Page - Analog Devices AD8183 Datasheet HTML 7Page - Analog Devices AD8183 Datasheet HTML 8Page - Analog Devices AD8183 Datasheet HTML 9Page - Analog Devices AD8183 Datasheet HTML 10Page - Analog Devices AD8183 Datasheet HTML 11Page - Analog Devices AD8183 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
AD8183/AD8185
–8–
VO = 2V STEP
RL = 150
0
5
10
15
20
25 30
35 40
5ns/DIV
Figure 27. AD8183 0.1% Settling Time
10ns
SEL
A/B
IN0A AT +1V
IN0B
AT –1V
VOUT
100
90
10
0%
–1.0V
0V
+1.0V
+1.0V
+1.8V
Figure 28. AD8183 Channel-to-Channel Switching Time
10ns
100
90
10
0%
SEL
A/B
–0.05V
0V
+0.05V
+1.0V
+1.8V
Figure 29. AD8183 Channel-to-Channel Switching
Transient (Glitch)
VO = 2V STEP
RL = 150
0
5
10
15
20
25 30
35 40
5ns/DIV
Figure 30. AD8185 0.1% Settling Time
10ns
100
90
10
0%
SEL
A/B
IN0A AT
+0.5V
IN0B AT
–0.5V
VOUT
–1.0V
0V
+1.0V
+1.0V
+1.8V
Figure 31. AD8185 Channel-to-Channel Switching Time
10ns
SEL
A/B
100
90
10
0%
–0.05V
0V
+0.05V
+1.0V
+1.8V
Figure 32. AD8185 Channel-to-Channel Switching
Transient (Glitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com