Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9411 Datasheet (PDF) - Vishay Siliconix

DG9411 Datasheet PDF - Vishay Siliconix
Part # DG9411
Download  DG9411 Download
File Size   142.59 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT Analog Switch

DG9411 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9411 Datasheet PDF - Vishay Siliconix

Part # DG9411
Download  DG9411 Click to download

File Size   142.59 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low-Voltage Single SPDT Analog Switch

DG9411 Datasheet (HTML) - Vishay Siliconix


DG9411 Product details

• Low voltage operation (2.25 V to 5.5 V)
• Low on-resistance - rDS(on): 7 Ω
• Fast switching - tON: 9 ns, tOFF: 5 ns
• Low charge injection - QINJ: 5 pC
• Low power consumption
• TTL/CMOS compatible
• 6-Pin SC70 package




Similar Part No. - DG9411

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9411 VISHAY-DG9411 Datasheet
138Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG9411DL VISHAY-DG9411DL Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9411DL-T1 VISHAY-DG9411DL-T1 Datasheet
138Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
DG9411DL-T1-E3 VISHAY-DG9411DL-T1-E3 Datasheet
138Kb / 9P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results


Similar Description - DG9411

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
Low-Voltage Single SPDT Analog Switch
10-Nov-00
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
Low-Voltage Single SPDT Analog Switch
07-Apr-03
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
Low-Voltage Single SPDT Analog Switch
30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
19-Mar-01
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
Low-Voltage Single SPDT Analog Switch
30-Apr-07
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
Low-Voltage Single SPDT Analog Switch
13-Jun-11
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
Low-Voltage Single SPDT Analog Switch
24-Dec-07
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com