Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQJ202EP Datasheet (PDF) - Vishay Siliconix

SQJ202EP Datasheet PDF - Vishay Siliconix
Part # SQJ202EP
Download  SQJ202EP Download
File Size   360.81 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs

SQJ202EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SQJ202EP Datasheet PDF - Vishay Siliconix

Part # SQJ202EP
Download  SQJ202EP Click to download

File Size   360.81 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs

SQJ202EP Datasheet (HTML) - Vishay Siliconix


SQJ202EP Product details

• TrenchFET® power MOSFET
• AEC-Q101 qualified d
• 100 % Rg and UIS tested




Similar Part No. - SQJ202EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ202EP VISHAY-SQJ202EP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ202EP VISHAY-SQJ202EP Datasheet
359Kb / 12P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
More results


Similar Description - SQJ202EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ942EP VISHAY-SQJ942EP Datasheet
269Kb / 14P
Automotive Dual N-Channel 40 V (D-S) 175 C MOSFETs
01-Apr-13
SQJ940EP VISHAY-SQJ940EP_15 Datasheet
266Kb / 15P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
18-Mar-13
SQJ202EP VISHAY-SQJ202EP Datasheet
377Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ204EP VISHAY-SQJ204EP_V01 Datasheet
407Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
07-May-2018
SQJ942EP VISHAY-SQJ942EP_V02 Datasheet
322Kb / 17P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
01-Apr-13
SQJ200EP VISHAY-SQJ200EP_V02 Datasheet
355Kb / 14P
Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFETs
05-Oct-15
SQJ202EP VISHAY-SQJ202EP_V02 Datasheet
359Kb / 12P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
19-Oct-15
SQJ204EP VISHAY-SQJ204EP_V02 Datasheet
406Kb / 13P
Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
07-May-2018
SQJ208EP VISHAY-SQJ208EP_V02 Datasheet
481Kb / 12P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFETs
21-Jan-2019
SQJ260EP VISHAY-SQJ260EP_V02 Datasheet
416Kb / 12P
Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFETs
15-May-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com