Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1021CV26 Datasheet (PDF) - Cypress Semiconductor

CY7C1021CV26 Datasheet PDF - Cypress Semiconductor
Part # CY7C1021CV26
Download  CY7C1021CV26 Download
File Size   247.2 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (64K x 16) Static RAM

CY7C1021CV26 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1021CV26 Datasheet PDF - Cypress Semiconductor

Part # CY7C1021CV26
Download  CY7C1021CV26 Click to download

File Size   247.2 Kbytes
Page   9 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1-Mbit (64K x 16) Static RAM

CY7C1021CV26 Datasheet (HTML) - Cypress Semiconductor


CY7C1021CV26 Product details

Functional Description
The CY7C1021CV26 is a high-performance CMOS static RAM organized as 65,536 words by 16 bits. This device has an automatic power-down feature that significantly reduces power consumption when deselected.

Features
■ Temperature Range
   ❐ Automotive: –40 °C to 125 °C
■ High speed
   ❐ tAA = 15 ns
■ Optimized voltage range: 2.5 V to 2.7 V
■ Low active power: 220 mW (Max)
■ Automatic power-down when deselected
■ Independent control of upper and lower bits
■ CMOS for optimum speed/power
■ Available in Pb-free and non Pb-free 44-pin TSOP II, 44-pin (400-Mil) Molded SOJ and Pb-free 48-ball FBGA packages




Similar Part No. - CY7C1021CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
183Kb / 9P
1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
538Kb / 15P
1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
551Kb / 16P
1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1021CV26-15BAE CYPRESS-CY7C1021CV26-15BAE Datasheet
538Kb / 15P
1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26-15BAE CYPRESS-CY7C1021CV26-15BAE Datasheet
551Kb / 16P
1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
More results


Similar Description - CY7C1021CV26

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
1-Mbit (64K x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN_09 Datasheet
461Kb / 10P
1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
1-Mbit (64K x 16) Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com