Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP11206 Datasheet (PDF) - Vishay Siliconix

SIP11206 Datasheet PDF - Vishay Siliconix
Part # SIP11206
Download  SIP11206 Download
File Size   341.0 Kbytes
Page   19 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters

SIP11206 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP11206 Datasheet PDF - Vishay Siliconix

Part # SIP11206
Download  SIP11206 Click to download

File Size   341.0 Kbytes
Page   19 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters

SIP11206 Datasheet (HTML) - Vishay Siliconix


SIP11206 Product details

• 36 V to 75 V input voltage range
• Withstand 100 V, 100 ms transient capability
• Integrated ± 1.6 A typical high- and low-side MOSFET
drivers
• Oscillator frequency is programmable from 200 kHz to
1 MHz and can be externally synchronized
• High voltage pre-regulator operates during start-up
• Current sensing on primary low-side switch
• Hiccup mode
• System low input voltage detection
• Chip UVLO function
• Programmable soft-start function
• Over temperature protection (160 °C)
• Greater than 95 % efficiency




Similar Part No. - SIP11206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206DLP-T1-E3 VISHAY-SIP11206DLP-T1-E3 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206DQP-T1-E3 VISHAY-SIP11206DQP-T1-E3 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results


Similar Description - SIP11206

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
339Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com