Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP11206 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP11206 Datasheet HTML 1Page - Vishay Siliconix SIP11206 Datasheet HTML 2Page - Vishay Siliconix SIP11206 Datasheet HTML 3Page - Vishay Siliconix SIP11206 Datasheet HTML 4Page - Vishay Siliconix SIP11206 Datasheet HTML 5Page - Vishay Siliconix SIP11206 Datasheet HTML 6Page - Vishay Siliconix SIP11206 Datasheet HTML 7Page - Vishay Siliconix SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
www.vishay.com
3
Vishay Siliconix
SiP11206
Notes:
a. Device mounted with all leads soldered or welded to PC board.
b. Derate 25.6 mW/°C above 25 °C.
c. Derate 26.3 mW/°C above 25 °C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS all voltages referenced to GND = 0 V
Parameter
Limit
Unit
VIN, VLX
Continuous
80
V
100 ms
100
VCC
14.5
VBST
Continuous
95
100 ms
112
VBST - VLX
15
Logic Inputs
- 0.3 to VCC + 0.3
Linear Inputs
- 0.3 to VCC + 0.3
HV Pre-Regulator Input Current (continuous)
10
mA
Storage Temperature
- 65 to 150
°C
Maximum Junction Temperature
150
Power Dissipation
PowerPAK MLP44-16a ,b
2564
mW
PowerPAK TSSOP-16a, c
2630
Thermal Impedance (
ΘJA)
PowerPAK MLP44-16a ,b
39
°C/W
PowerPAK TSSOP-16a, c
38
RECOMMENDED OPERATING RANGE all voltages referenced to GND = 0 V
Parameter
Limit
Unit
VIN
Continuous
36 to 75
V
100 ms
100
VBST
VIN + 10.5 to VIN + 13.2
VBST - VLX
10.5 to 13.2
VCC
10.5 to 13.2
Logic Inputs
- 0.3 to VCC + 0.3
Linear Inputs
- 0.3 to VCC + 0.3
FOSC
200 to 1000
kHz
ROSC
40 to 200
k
Ω
COSC
100 to 220
pF
CSS
10 to 100
nF
CCOMP
2.2
VREF Capacitor to GND
1
µF
CBOOST
0.1
VCC Capacitor to GND
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com