Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP2204 Datasheet (PDF) - Vishay Siliconix

SIP2204 Datasheet PDF - Vishay Siliconix
Part # SIP2204
Download  SIP2204 Download
File Size   553.65 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad Channel Monolithic Power Stage

SIP2204 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP2204 Datasheet PDF - Vishay Siliconix

Part # SIP2204
Download  SIP2204 Click to download

File Size   553.65 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Quad Channel Monolithic Power Stage

SIP2204 Datasheet (HTML) - Vishay Siliconix


SIP2204 Product details

• QFN32 5 x 5 package
• Power stage input up to 24 V
• 500 mA per channel continuous current
• 2 A per channel peak current capability
• High frequency operation beyond 5 MHz
• 3.3 V and 5 V PWM logic
• Low PWM propagation delay (typical 13 ns)
• Enable feature to put the output at high impedance when
disabled
• Junction temperature: -40 °C to +125 °C




Similar Part No. - SIP2204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP2204 VISHAY-SIP2204 Datasheet
562Kb / 17P
Quad Channel Monolithic Power Stage
16-May-16
More results


Similar Description - SIP2204

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
logo
Tripath Technology Inc.
TPS4100 TRIPATH-TPS4100 Datasheet
286Kb / 14P
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
logo
Cirrus Logic
CS4412 CIRRUS-CS4412 Datasheet
336Kb / 22P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
60 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Tripath Technology Inc.
TPS4100A TRIPATH-TPS4100A Datasheet
177Kb / 15P
FOUR CHANNEL BRIDGED OUTPUT POWER STAGE
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A_08 Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
Quad, Low Power Monolithic Op Amp
logo
Vishay Siliconix
SIP2204 VISHAY-SIP2204 Datasheet
562Kb / 17P
Quad Channel Monolithic Power Stage
16-May-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com