Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT-04 Datasheet (PDF) - Analog Devices

MAT-04 Datasheet PDF - Analog Devices
Part # MAT-04
Download  MAT-04 Download
File Size   492.89 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Quad Transistor

MAT-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT-04 Datasheet PDF - Analog Devices

Part # MAT-04
Download  MAT-04 Click to download

File Size   492.89 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Quad Transistor

MAT-04 Datasheet (HTML) - Analog Devices


MAT-04 Product details

FEATURES

• Low Offset Voltage ----------------------- 200μV max

• High Current Gain -------------------------400 min

• Excellent Current Gain Match ------------- 2% max

• Low Noise Voltage at 100 Hz, 1 mA ---------2.5 nV/√Hz max

• Excellent Log Conformance ---------------- rBE = 0.6 Ω max

• Matching Guaranteed for All Transistors

• Available in Die Form



 




Similar Part No. - MAT-04

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
MAT-0TDC210 JDSU-MAT-0TDC210 Datasheet
273Kb / 6P
MEMS Variable Optical Attenuators
MAT-0TDO210 JDSU-MAT-0TDO210 Datasheet
273Kb / 6P
MEMS Variable Optical Attenuators
MAT-0TMC210 JDSU-MAT-0TMC210 Datasheet
273Kb / 6P
MEMS Variable Optical Attenuators
MAT-0TMO210 JDSU-MAT-0TMO210 Datasheet
273Kb / 6P
MEMS Variable Optical Attenuators
MAT-0TTC210 JDSU-MAT-0TTC210 Datasheet
273Kb / 6P
MEMS Variable Optical Attenuators
More results


Similar Description - MAT-04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT14 AD-MAT14 Datasheet
190Kb / 12P
Matched Monolithic Quad Transistor
REV. A
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT04FSZ AD-MAT04FSZ Datasheet
842Kb / 12P
Matched Monolithic Quad Transistor
REV. D
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com