Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT14 Datasheet (PDF) - Analog Devices

MAT14 Datasheet PDF - Analog Devices
Part # MAT14
Download  MAT14 Download
File Size   190.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Quad Transistor

MAT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT14 Datasheet PDF - Analog Devices

Part # MAT14
Download  MAT14 Click to download

File Size   190.4 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Quad Transistor

MAT14 Datasheet (HTML) - Analog Devices


MAT14 Product details

GENERAL DESCRIPTION

The MAT14 is a quad monolithic NPN transistor that offers excellent parametric matching for precision amplifier and nonlinear circuit applications. Performance characteristics of the MAT14 include high gain (300 minimum) over a wide range of collector current, low noise (3 nV/√Hz maximum at 100 Hz, IC = 1 mA), and excellent logarithmic conformance. The MAT14 also features a low offset voltage of 100 µV typical and tight current gain matching to within 4%. Each transistor of the MAT14 is individually tested to data sheet specifications. For matching parameters (offset voltage, input offset current, and gain match), each of the dual transistor combinations are verified to meet stated limits. Device performance is guaranteed at an ambient temperature of 25°C and over the industrial temperature range.



FEATURES

  Low offset voltage: 400 µV maximum

  High current gain: 300 minimum

  Excellent current gain match: 4% maximum

  Low voltage noise density at 100 Hz, 1 mA

     3 nV/√Hz maximum

  Excellent log conformance

     Bulk resistance (rBE) = 0.6 Ω maximum

  Guaranteed matching for all transistors



APPLICATIONS

  Low noise op amp front end

  Current mirror and current sink/source

  Low noise instrumentation amplifiers

  Voltage controlled attenuators

  Log amplifiers



 




Similar Part No. - MAT14

ManufacturerPart #DatasheetDescription
logo
3M Electronics
MAT1-10 3M-MAT1-10 Datasheet
142Kb / 4P
Fire Protection Products 3M??Interam?
logo
M/A-COM Technology Solu...
MAT10010 MA-COM-MAT10010 Datasheet
460Kb / 3P
Attenuator DIE
MAT10020 MA-COM-MAT10020 Datasheet
460Kb / 3P
Attenuator DIE
MAT10030 MA-COM-MAT10030 Datasheet
460Kb / 3P
Attenuator DIE
MAT10040 MA-COM-MAT10040 Datasheet
460Kb / 3P
Attenuator DIE
More results


Similar Description - MAT14

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT04FSZ AD-MAT04FSZ Datasheet
842Kb / 12P
Matched Monolithic Quad Transistor
REV. D
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com