Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet (PDF) - Analog Devices

MAT02 Datasheet PDF - Analog Devices
Part # MAT02
Download  MAT02 Download
File Size   264.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Matched Dual Monolithic Transistor

MAT02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT02 Datasheet PDF - Analog Devices

Part # MAT02
Download  MAT02 Click to download

File Size   264.29 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Matched Dual Monolithic Transistor

MAT02 Datasheet (HTML) - Analog Devices


MAT02 Product details

PRODUCT DESCRIPTION

The design of the MAT02 series of NPN dual monolithic transistors is optimized for very low noise, low drift and low rBE. Precision Monolithics’ exclusive Silicon Nitride “Triple Passivation” process stabilizes the critical device parameters over wide ranges of temperature and elapsed time. Also, the high current gain (hFE) of the MAT02 is maintained over a wide range of collector current.



FEATURES

    Low Offset Voltage: 50 V max

    Low Noise Voltage at 100 Hz, 1 mA: 1.0 nV/√Hz max

    High Gain (hFE):

      500 min at IC= 1 mA

      300 min at IC= 1 μA

    Excellent Log Conformance: rBE ≡  0.3Ω

    Low Offset Voltage Drift: 0.1 μV/°C max

    Improved Direct Replacement for LM194/394




Similar Part No. - MAT02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT02S_DIE AD-MAT02S_DIE Datasheet
621Kb / 6P
This specification documents the detailed requirements
Rev. H
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
More results


Similar Description - MAT02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com