Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03 Datasheet (PDF) - Analog Devices

MAT03 Datasheet PDF - Analog Devices
Part # MAT03
Download  MAT03 Download
File Size   254.07 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Matched Dual PNP Transistor

MAT03 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT03 Datasheet PDF - Analog Devices

Part # MAT03
Download  MAT03 Click to download

File Size   254.07 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Matched Dual PNP Transistor

MAT03 Datasheet (HTML) - Analog Devices


MAT03 Product details

GENERAL DESCRIPTION

The MAT03 dual monolithic PNP transistor offers excellent parametric matching and high frequency performance. Low noise characteristics (1 nV/√Hz max @ 1 kHz), high bandwidth (190 MHz typical), and low offset voltage (100 µV max), makes the MAT03 an excellent choice for demanding preamplifier applications. Tight current gain matching (3% max mismatch) and high current gain (100 min), over a wide range of collector current, makes the MAT03 an excellent choice for current mirrors. A low value of bulk resistance (typically 0.3 Ω) also makes the MAT03 an ideal component for applications requiring accurate logarithmic conformance.

Each transistor is individually tested to data sheet specifications. Device performance is guaranteed at 25°C and over the extended industrial and military temperature ranges. To insure the long term stability of the matching parameters, internal protection diodes across the base-emitter junction clamp any reverse base emitter junction potential. This prevents a base-emitter break down condition which can result in degradation of gain and matching performance due to excessive breakdown current.



FEATURES

  Dual Matched PNP Transistor

  Low Offset Voltage: 100 mV max

  Low Noise: 1 nV/√Hz @ 1 kHz max

  High Gain: 100 min

  High Gain Bandwidth: 190 MHz typ

  Tight Gain Matching: 3% max

  Excellent Logarithmic Conformance: rBE = 0.3 Ω typ

  Available in Die F



 




Similar Part No. - MAT03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03 AD-MAT03 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
logo
Taoglas antenna solutio...
MAT03A TAOGLAS-MAT03A Datasheet
1Mb / 25P
MAT.03A Embedded Active GPS and Cellular Antenna Assembly and Reference Board
logo
Analog Devices
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Similar Description - MAT03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
PNP (LOW NOISE TRANSISTOR)
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
SSM2220SZ AD-SSM2220SZ Datasheet
383Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com