Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03 Datasheet(PDF) 10 Page - Analog Devices

Part # MAT03
Description  Low Noise, Matched Dual PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT03 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAT03 Datasheet HTML 4Page - Analog Devices MAT03 Datasheet HTML 5Page - Analog Devices MAT03 Datasheet HTML 6Page - Analog Devices MAT03 Datasheet HTML 7Page - Analog Devices MAT03 Datasheet HTML 8Page - Analog Devices MAT03 Datasheet HTML 9Page - Analog Devices MAT03 Datasheet HTML 10Page - Analog Devices MAT03 Datasheet HTML 11Page - Analog Devices MAT03 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
–10–
REV. B
MAT03
Figure 19. Digitally Programmable Current
Pump—INL Error as Digital Code
The full-scale output of the DAC08, IOUT, is a linear function
of IREF
IFR =
256
256
× I
REF, and IOUT +
IOUT = IREF
256
256
The current mirror output is IOUT – I
OUT
= 1, so that if
IREF = 2 mA:
I = 2 IOUT – 1.992 mA
= 2
Input Code
256

 (2 mA) – 1.992 mA.
DIGITAL CURRENT PUMP CODING
Digital Input
B1 . . . B8
Output Current
FULL RANGE
1111 1111
I = 1.992 mA
HALF-RANGE
1000 0000
I = 0.008 mA
ZERO-SCALE
0000 0000
I = –1.992 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com