Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03 Datasheet(PDF) 1 Page - Analog Devices

Part # MAT03
Description  Low Noise, Matched Dual PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT03 Datasheet(HTML) 1 Page - Analog Devices

  MAT03 Datasheet HTML 1Page - Analog Devices MAT03 Datasheet HTML 2Page - Analog Devices MAT03 Datasheet HTML 3Page - Analog Devices MAT03 Datasheet HTML 4Page - Analog Devices MAT03 Datasheet HTML 5Page - Analog Devices MAT03 Datasheet HTML 6Page - Analog Devices MAT03 Datasheet HTML 7Page - Analog Devices MAT03 Datasheet HTML 8Page - Analog Devices MAT03 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
MAT03
Low Noise, Matched
Dual PNP Transistor
FEATURES
Dual Matched PNP Transistor
Low Offset Voltage: 100
V max
Low Noise: 1 nV/
√Hz @ 1 kHz max
High Gain: 100 min
High Gain Bandwidth: 190 MHz typ
Tight Gain Matching: 3% max
Excellent Logarithmic Conformance: rBE
0.3
typ
Available in Die Form
PIN CONNECTION
TO-78
(H Suffix)
GENERAL DESCRIPTION
The MAT03 dual monolithic PNP transistor offers excellent
parametric matching and high frequency performance. Low
noise characteristics (1 nV/
√Hz max @ 1 kHz), high bandwidth
(190 MHz typical), and low offset voltage (100
µV max), makes
the MAT03 an excellent choice for demanding preamplifier ap-
plications. Tight current gain matching (3% max mismatch) and
high current gain (100 min), over a wide range of collector cur-
rent, makes the MAT03 an excellent choice for current mirrors.
A low value of bulk resistance (typically 0.3
Ω) also makes the
MAT03 an ideal component for applications requiring accurate
logarithmic conformance.
Each transistor is individually tested to data sheet specifications.
Device performance is guaranteed at 25
°C and over the extended
industrial and military temperature ranges. To insure the long-
term stability of the matching parameters, internal protection
diodes across the base-emitter junction clamp any reverse base-
emitter junction potential. This prevents a base-emitter break-
down condition which can result in degradation of gain and
matching performance due to excessive breakdown current.


Similar Part No. - MAT03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT03 AD-MAT03 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
logo
Taoglas antenna solutio...
MAT03A TAOGLAS-MAT03A Datasheet
1Mb / 25P
MAT.03A Embedded Active GPS and Cellular Antenna Assembly and Reference Board
logo
Analog Devices
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results

Similar Description - MAT03

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
PNP (LOW NOISE TRANSISTOR)
logo
Analog Devices
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
SSM2220SZ AD-SSM2220SZ Datasheet
383Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com