Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT03 Datasheet(PDF) 8 Page - Analog Devices

Part # MAT03
Description  Low Noise, Matched Dual PNP Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT03 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAT03 Datasheet HTML 4Page - Analog Devices MAT03 Datasheet HTML 5Page - Analog Devices MAT03 Datasheet HTML 6Page - Analog Devices MAT03 Datasheet HTML 7Page - Analog Devices MAT03 Datasheet HTML 8Page - Analog Devices MAT03 Datasheet HTML 9Page - Analog Devices MAT03 Datasheet HTML 10Page - Analog Devices MAT03 Datasheet HTML 11Page - Analog Devices MAT03 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
–8–
REV. B
MAT03
This amplifier exhibits excellent full power ac performance,
0.08% THD into a 600
Ω load, making it suitable for exacting
audio applications (see Figure 14b).
Figure 14b. Super Low Noise Amplifier—Total
Harmonic Distortion
LOW NOISE MICROPHONE PREAMPLIFIER
Figure 15 shows a microphone preamplifier that consists of a
MAT03 and a low noise op amp. The input stage operates at a
relatively high quiescent current of 2 mA per side, which reduces
the MAT03 transistor’s voltage noise. The 1/ƒ corner is less than
1 Hz. Total harmonic distortion is under 0.005% for a 10 V p-p
signal from 20 Hz to 20 kHz. The preamp gain is 100, but can be
modified by varying R5 or R6 (VOUT/VIN = R5/R6 + 1).
A total input stage emitter current of 4 mA is provided by Q2.
The constant current in Q2 is set by using the forward voltage of
a GaAsP LED as a reference. The difference between this voltage
and the VBE of a silicon transistor is predictable and constant (to
a few percent) over a wide temperature range. The voltage differ-
ence, approximately 1 V, is dropped across the 250
Ω resistor
which produces a temperature stabilized emitter current.
CURRENT SOURCES
A fundamental requirement for accurate current mirrors and ac-
tive load stages is matched transistor components. Due to the
excellent VBE matching (the voltage difference between VBE’s
required to equalize collector current) and gain matching, the
MAT03 can be used to implement a variety of standard current
mirrors that can source current into a load such as an amplifier
stage. The advantages of current loads in amplifiers versus resis-
tors is an increase of voltage gain due to higher impedances,
larger signal range, and in many applications a wider signal
bandwidth.
Figure 16 illustrates a cascode current mirror consisting of two
MAT03 transistor pairs.
The cascode current source has a common base transistor in se-
ries with the output which causes an increase in output imped-
ance of the current source since VCE stays relatively constant.
High frequency characteristics are improved due to a reduction
of Miller capacitance. The small-signal output impedance can
be determined by consulting “hOF vs. Collector Current” typical
graph. Typical output impedance levels approach the perfor-
mance of a perfect current source.
Considering a typical collector current of 100
µA, we have:
roQ3 =
1
1.0
µMHOS = 1 MΩ
Figure 15. Low Noise Microphone Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com