Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT12 Datasheet (PDF) - Analog Devices

MAT12 Datasheet PDF - Analog Devices
Part # MAT12
Download  MAT12 Download
File Size   104.66 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Matched Dual Monolithic Transistor

MAT12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT12 Datasheet PDF - Analog Devices

Part # MAT12
Download  MAT12 Click to download

File Size   104.66 Kbytes
Page   4 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Matched Dual Monolithic Transistor

MAT12 Datasheet (HTML) - Analog Devices


MAT12 Product details

GENERAL DESCRIPTION
The MAT12 is a dual, NPN-matched transistor pair that is specifically designed to meet the requirements of ultralow noise audio systems.
With its extremely low input base spreading resistance (rbb is typically 28 Ω) and high current gain (hFE typically exceeds 600 at IC = 1 mA), the MAT12 can achieve outstanding signal to-noise ratios. The high current gain results in superior performance compared to systems incorporating commercially available monolithic amplifiers.
Excellent matching of the current gain (ΔhFE) to about 0.5% and low VOS of less than 10 μV typical make the MAT12 ideal for symmetrically balanced designs, which reduce high-order amplifier harmonic distortion.
Stability of the matching parameters is guaranteed by protection diodes across the base emitter junction. These diodes prevent degradation of beta and matching characteristics due to reverse biasing of the base emitter junction.
The MAT12 is also an ideal choice for accurate and reliable current biasing and mirroring circuits. Furthermore, because the accuracy of a current mirror degrades exponentially with mismatches of VBE between transistor pairs, the low VOS of the MAT12 does not need offset trimming in most circuit applications.

FEATURES
  Very low voltage noise: 1 nV/√Hz maximum @ 100 Hz
  Excellent current gain match: 0.5% typical
  Low offset voltage (VOS): 200 μV maximum
  Outstanding offset voltage drift: 0.03 μV/°C typical
  High gain bandwidth product: 200 MHz




Similar Part No. - MAT12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
271Kb / 12P
Audio, Dual-Matched NPN Transistor
REV. 0
MAT12 AD-MAT12 Datasheet
266Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. A
logo
Glamox
MAT123387 GLAMOX-MAT123387 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 830 45°/GL
MAT123388 GLAMOX-MAT123388 Datasheet
132Kb / 2P
MATE-SC80 WH IP65 1000HF 830 45°/GL
MAT123389 GLAMOX-MAT123389 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 840 45°/GL
More results


Similar Description - MAT12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT03 AD-MAT03 Datasheet
254Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV.B
logo
List of Unclassifed Man...
THAT300 ETC1-THAT300 Datasheet
91Kb / 5P
Low-Noise Matched Transistor Array ICs
logo
Analog Devices
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT03 AD-MAT03_15 Datasheet
577Kb / 12P
Low Noise, Matched Dual PNP Transistor
REV. C
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
MAT03 AD-MAT03_17 Datasheet
565Kb / 5P
Low Noise, Matched Dual PNP Transistor
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com