Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT12 Datasheet (PDF) - Analog Devices

MAT12 Datasheet PDF - Analog Devices
Part # MAT12
Download  MAT12 Download
File Size   271.97 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio, Dual-Matched NPN Transistor

MAT12 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT12 Datasheet PDF - Analog Devices

Part # MAT12
Download  MAT12 Click to download

File Size   271.97 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Audio, Dual-Matched NPN Transistor

MAT12 Datasheet (HTML) - Analog Devices


MAT12 Product details

GENERAL DESCRIPTION
The MAT12 is a dual, NPN-matched transistor pair that is specifically designed to meet the requirements of ultralow noise audio systems.
With its extremely low input base spreading resistance (rbb is typically 28 Ω) and high current gain (hFE typically exceeds 600 at IC = 1 mA), the MAT12 can achieve outstanding signal to-noise ratios. The high current gain results in superior performance compared to systems incorporating commercially available monolithic amplifiers.
Excellent matching of the current gain (ΔhFE) to about 0.5% and low VOS of less than 10 μV typical make the MAT12 ideal for symmetrically balanced designs, which reduce high-order amplifier harmonic distortion.
Stability of the matching parameters is guaranteed by protection diodes across the base emitter junction. These diodes prevent degradation of beta and matching characteristics due to reverse biasing of the base emitter junction.
The MAT12 is also an ideal choice for accurate and reliable current biasing and mirroring circuits. Furthermore, because the accuracy of a current mirror degrades exponentially with mismatches of VBE between transistor pairs, the low VOS of the MAT12 does not need offset trimming in most circuit applications.

FEATURES
  Very low voltage noise: 1 nV/√Hz maximum @ 100 Hz
  Excellent current gain match: 0.5% typical
  Low offset voltage (VOS): 200 μV maximum
  Outstanding offset voltage drift: 0.03 μV/°C typical
  High gain bandwidth product: 200 MHz




Similar Part No. - MAT12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT12 AD-MAT12 Datasheet
266Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. A
logo
Glamox
MAT123387 GLAMOX-MAT123387 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 830 45°/GL
MAT123388 GLAMOX-MAT123388 Datasheet
132Kb / 2P
MATE-SC80 WH IP65 1000HF 830 45°/GL
MAT123389 GLAMOX-MAT123389 Datasheet
126Kb / 2P
MATE-SC80 BL IP65 1000HF 840 45°/GL
More results


Similar Description - MAT12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM-2210 AD-SSM-2210 Datasheet
527Kb / 11P
Audio Dual Natched NPN transistor
logo
ON Semiconductor
NST45011MW6T1G ONSEMI-NST45011MW6T1G Datasheet
154Kb / 5P
Dual Matched General Purpose Transistor NPN Matched Pair
October, 2009 ??Rev. 1
logo
Seme LAB
2N2060 SEME-LAB-2N2060 Datasheet
419Kb / 3P
DUAL MATCHED NPN SILICON TRANSISTOR
logo
Analog Devices
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220SZ AD-SSM2220SZ Datasheet
383Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
SSM2212 AD-SSM2212_15 Datasheet
362Kb / 12P
Audio, Dual-Matched NPN Transistor
6/15-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com