Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT12 Datasheet(PDF) 9 Page - Analog Devices

Part # MAT12
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAT12 Datasheet HTML 4Page - Analog Devices MAT12 Datasheet HTML 5Page - Analog Devices MAT12 Datasheet HTML 6Page - Analog Devices MAT12 Datasheet HTML 7Page - Analog Devices MAT12 Datasheet HTML 8Page - Analog Devices MAT12 Datasheet HTML 9Page - Analog Devices MAT12 Datasheet HTML 10Page - Analog Devices MAT12 Datasheet HTML 11Page - Analog Devices MAT12 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MAT12
Rev. 0 | Page 9 of 12
LOG CONFORMANCE TESTING
The log conformance of the MAT12 is tested using the circuit
shown in Figure 18. The circuit employs a dual transdiode
logarithmic converter operating at a fixed ratio of collector
currents that are swept over a 10:1 range. The output of each
transdiode converter is the VBE of the transistor plus an error
term, which is the product of the collector current and rBE, the
bulk emitter resistance. The difference of the VBE is amplified at
a gain of ×100 by the AMP02 instrumentation amplifier. The
differential emitter base voltage (ΔVBE) consists of a temperature-
dependent dc level plus an ac error voltage, which is the deviation
from true log conformity as the collector currents vary.
The output of the transdiode logarithmic converter comes from
the following idealized intrinsic transistor equation (for silicon)
S
C
BE
I
I
q
kT
V
ln
=
(1)
where:
k
is Boltzmann’s constant (1.38062 × 10–23 J/K).
q
is the unit electron charge (1.60219 × 10–19°C).
T
is the absolute temperature, K (= °C + 273.2).
IS
is the extrapolated current for VBE → 0 (VBE tending to zero).
IC
is the collector current.
An error term must be added to Equation 1 to allow for the
bulk resistance (rBE) of the transistor. Error due to the op amp
input current is limited by use of the AD8512 dual op amp. The
resulting AMP02 input is:
BE2
C2
BE1
C1
C2
C1
BE
r
I
r
I
I
I
q
kT
V
−
+
=
=
Δ
ln
(2)
A ramp function that sweeps from 1 V to 10 V is converted by
the op amps to a collector current ramp through each transistor.
Because IC1 is made equal to 10 IC2, and assuming TA = 25°C,
Equation 2 becomes
ΔVBE
= 59 mV + 0.9 IC1 rBE (ΔrBE ~ 0)
As viewed on an oscilloscope, the change in ΔVBE for a 10:1
change in IC is shown in Figure 17.
61.5
61.0
60.5
60.0
59.5
59.0
58.5
1
10
100
COLLECTOR CURRENT (mA)
Figure 17. Emitter Base, Log Conformity
With the oscilloscope ac-coupled, the temperature dependent
term becomes a dc offset and the trace represents the deviation
from true log conformity. The bulk resistance can be calculated
from the voltage deviation, ΔVO, and the change in collector
current (9 mA):
100
1
mA
9
×
Δ
=
O
BE
V
r
(3)
This procedure solves for rBE for Side A. Switching R1 and R2
provides the rBE for Side B. Differential rBE is found by making
R1 = R2.
–15V
+15V
AMP02
VOUT = 100∆VBE
AV = 100
–15V
100pF
+15V
500
Ω
1N914
VBE
VBE
1k
Ω
IC1
IC2
SIDE A DUT
Q1
VCC
–15V
100pF
+15V
+
–
500
Ω
1N914
1/2
AD8512
1/2
AD8512
1k
Ω
SIDE B DUT
Q2
VCC
+
–
Figure 18. Log Conformance Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com