Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT12 Datasheet(PDF) 8 Page - Analog Devices

Part # MAT12
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT12 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAT12 Datasheet HTML 4Page - Analog Devices MAT12 Datasheet HTML 5Page - Analog Devices MAT12 Datasheet HTML 6Page - Analog Devices MAT12 Datasheet HTML 7Page - Analog Devices MAT12 Datasheet HTML 8Page - Analog Devices MAT12 Datasheet HTML 9Page - Analog Devices MAT12 Datasheet HTML 10Page - Analog Devices MAT12 Datasheet HTML 11Page - Analog Devices MAT12 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MAT12
Rev. 0 | Page 8 of 12
APPLICATIONS INFORMATION
FAST LOGARITHMIC AMPLIFIER
The circuit of Figure 16 is a modification of a standard logarith-
mic amplifier configuration. Running the MAT12 at 2.5 mA per
side (full scale) allows for a fast response with a wide dynamic
range. The circuit has a seven decade current range and a five
decade voltage range, and it is capable of 2.5 μs settling time to
1% with a 1 V to 10 V step. The output follows the equation:
IN
REF
2
2
3
O
V
V
q
kT
R
R
R
V
ln
+
=
To compensate for the temperature dependence of the kT/q term, a
resistor with a positive 0.35%/°C temperature coefficient is selected
for R2. The output is inverted with respect to the input and is
nominally −1 V/decade using the component values indicated.
1
4
3
2
8
7
5
6
–15V
330pF
R3
7.5k
Ω
R2
500
Ω
R2 = 0.35%/°C
330pF
VO
+15V
RS
4k
Ω
R1
4k
Ω
4k
Ω
VIN
(0V TO 10V)
VREF
10V
AD8512
MAT12
1/2
AD8512
Figure 16. Fast Logarithmic Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com