Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 10 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAT02 Datasheet HTML 4Page - Analog Devices MAT02 Datasheet HTML 5Page - Analog Devices MAT02 Datasheet HTML 6Page - Analog Devices MAT02 Datasheet HTML 7Page - Analog Devices MAT02 Datasheet HTML 8Page - Analog Devices MAT02 Datasheet HTML 9Page - Analog Devices MAT02 Datasheet HTML 10Page - Analog Devices MAT02 Datasheet HTML 11Page - Analog Devices MAT02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MAT02
–10–
REV. C
Collector-current range is the key design decision. The inher-
ently low rBE of the MAT02 allows the use of a relatively high
collector current. For input scaling of
±10 V full-scale and us-
ing a 10 V reference, we have a collector-current range for I1
and I2 of:
–10
R1
+
10
R2


≤ I
C ≤
10
R1
+
10
R2


(13)
Practical values for R1 and R2 would range from 50 kΩ to
100 k
Ω. Choosing an R
1 of 82 k
Ω and R
2 of 62 k
Ω provides a
collector-current range of approximately 39
µA to 283 µA. An
RO of 108 kΩ will then make the output scale factor 1/10 and
VO = VXVY/10. The output, as well as both inputs, are scaled
for
±10 V full scale.
Linear error for this circuit is substantially improved by the
small correction voltage applied to the base of Q1 as shown in
Figure 21. Assuming an equal bulk emitter resistance for each
MAT02 transistor, then the error is nulled if:
(I1 + I2 – I3 – IO) rBE +
ρV
O = 0
The currents are known from the previous discussion, and the
relationship needed is simply:
VO =
rBE
RO
VO
(14)
The output voltage is attenuated by a factor of rBE/RO and ap-
plied to the base of Q1 to cancel the summation of voltage
drops due to rBEIC terms. This will make In (I1 I2/I3 IO) more
nearly zero which will thereby make IO = I1 I2/I3 a more accu-
rate relationship. Linearity of better than 0.1% is readily achiev-
able with this circuit if the MAT02 pairs are carefully kept at
the same temperature.
MULTIFUNCTION CONVERTER
The multifunction converter circuit provides an accurate means
of squaring, square rooting, and of raising ratios to arbitrary
powers. The excellent log conformity of the MAT02 allows a
wide range of exponents. The general transfer function is:
VO = VY
V Z
V X


m
(15)
VX, VY, and VZ are input voltages and the exponent “m” has a
practical range of approximately 0.2 to 5. Inputs VX and VY are
often taken from a fixed reference voltage. With a REF01 pro-
viding a precision +10 V to both VX and VY, the transfer func-
tion would simplify to:
VO = 10
V Z
10


m
(16)
As with the multiplier/divider circuits, assume that the transistor
pairs have excellent matching and are at the same temperature.
The In ISA/ISB will then be zero. In the circuit of Figure 22, the
voltage drops across the base-emitter junctions of Q1 provide:
RB
RB + KRA
V A =
kT
q
In
IZ
IX
(17)
IZ is VZ/R1 and IX is VX/R1. Similarly, the relationship for Q2 is:
RB
RB + 1– K
()R
A
V A =
kT
q
In
IO
I
Y
(18)
IO is VO/RO and IY is VY/R1. These equations for Q1 and Q2 can
then be combined.
RB + KRA
RB + 1– K
()R
A
In
IZ
IX
= In
IO
IY
(19)
Figure 21. Four-Quadrant Multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com