Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT02
Description  Low Noise, Matched Dual Monolithic Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 3 Page - Analog Devices

  MAT02 Datasheet HTML 1Page - Analog Devices MAT02 Datasheet HTML 2Page - Analog Devices MAT02 Datasheet HTML 3Page - Analog Devices MAT02 Datasheet HTML 4Page - Analog Devices MAT02 Datasheet HTML 5Page - Analog Devices MAT02 Datasheet HTML 6Page - Analog Devices MAT02 Datasheet HTML 7Page - Analog Devices MAT02 Datasheet HTML 8Page - Analog Devices MAT02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MAT02A
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Offset Voltage
VOS
VCB = 0
80
µV
1
µA ≤ I
C ≤ 1 mA
1
Average Offset
Voltage Drift
TCVOS
10
µA ≤ I
C
≤ 1 mA, 0 ≤ V
CB
≤ V
MAX
2
0.08
0.3
µV/°C
VOS Trimmed to Zero
3
0.03
0.1
µV/°C
Input Offset Current
IOS
IC = 10
µA9
nA
Input Offset
Current Drift
TCIOS
IC = 10 µA
4
40
90
pA/
°C
Input Bias Current
IB
IC = 10
µA60
nA
Current Gain
hFE
IC = 1 mA
5
275
IC = 100 µA
225
IC = 10
µA
125
IC = 1
µA
150
Collector-Base
ICBO
VCB = VMAX
Leakage Current
TA = 125
°C15
nA
Collector-Emitter
ICES
VCE = VMAX, VBE = 0
Leakage Current
TA = 125°C50
nA
Collector-Collector
ICC
VCC = VMAX
Leakage Current
TA = 125
°C30
nA
ELECTRICAL CHARACTERISTICS
MAT02E
MAT02F
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Offset Voltage
VOS
VCB = 0
70
220
µV
1
µA ≤ I
C ≤ 1 mA
1
Average Offset
Voltage Drift
TCVOS
10
µA ≤ I
C
≤ 1 mA, 0 ≤ V
CB
≤ V
MAX
2
0.08 0.3
0.08 1
µV/°C
VOS Trimmed to Zero
3
0.03 0.1
0.03 0.3
Input Offset Current
IOS
IC = 10
µA8
13
nA
Input Offset
Current Drift
TCIOS
IC = 10 µA
4
40
90
40
150
pA/
°C
Input Bias Current
IB
IC = 10
µA45
50
nA
Current Gain
hFE
IC = 1 mA
5
325
300
IC = 100 µA
275
250
IC = 10
µA
225
200
IC = 1
µA
200
150
Collector-Base
ICBO
VCB = VMAX
23
nA
Leakage Current
Collector-Emitter
ICES
VCE = VMAX, VBE = 0
3
4
nA
Leakage Current
Collector-Collector
ICC
VCC = VMAX
34
nA
Leakage Current
(VCB = 15 V, –25 C ≤ TA ≤ +85 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (V
CB = 15 V, –55 C
≤ T
A
≤ +125 C, unless otherwise noted.)
MAT02
–3–
REV. C
NOTES
1Measured at I
C = 10 µA and guaranteed by design over the specified range of I C.
2Guaranteed by V
OS test (TCVOS
≅
V
OS
T
for VOS
VBE) T = 298
°K for T
A = 25
°C.
3The initial zero offset voltage is established by adjusting the ratio of IC1 to IC2 at T
A = 25°C. This ratio must be held to 0.003% over
the entire temperature range. Measurements are taken at the temperature extremes and 25
°C.
4Guaranteed by design.
5Current gain is guaranteed with Collector-Base Voltage (V
CB) swept from 0 to VMAX at the indicated collector current.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com