Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP32460 Datasheet (PDF) - Vishay Siliconix

SIP32460 Datasheet PDF - Vishay Siliconix
Part # SIP32460
Download  SIP32460 Download
File Size   632.95 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 mΩ, Slew Rate Controlled Load Switch in WCSP

SIP32460 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP32460 Datasheet PDF - Vishay Siliconix

Part # SIP32460
Download  SIP32460 Click to download

File Size   632.95 Kbytes
Page   15 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 mΩ, Slew Rate Controlled Load Switch in WCSP

SIP32460 Datasheet (HTML) - Vishay Siliconix


SIP32460 Product details

• Low input voltage, 1.2 V to 5.5 V
• Low Ron, 54 mΩ/typ. at 3 V
• Slew rate control
• Compatible with 1.2 V to 3.3 V logic
• 7.5 μs turn-on time at 5 V (SiP32462)
• Reverse current blocking when switch is off
• Integrated output discharge switch (SiP32461)
• Integrated pulldown resistor at “EN”
• For enable “low” see SiP32467 and SiP32468
• 4-bump WCSP package




Similar Part No. - SIP32460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SiP32460 VISHAY-SiP32460 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32460DB-T2-GE1 VISHAY-SIP32460DB-T2-GE1 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SiP32460DB-T2-GE1 VISHAY-SiP32460DB-T2-GE1 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
More results


Similar Description - SIP32460

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32461 VISHAY-SIP32461 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32467 VISHAY-SIP32467_V01 Datasheet
522Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
06-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com