Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP4280 Datasheet (PDF) - Vishay Siliconix

SIP4280 Datasheet PDF - Vishay Siliconix
Part # SIP4280
Download  SIP4280 Download
File Size   353.9 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Slew Rate Controlled Load Switch

SIP4280 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP4280 Datasheet PDF - Vishay Siliconix

Part # SIP4280
Download  SIP4280 Click to download

File Size   353.9 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Slew Rate Controlled Load Switch

SIP4280 Datasheet (HTML) - Vishay Siliconix


SIP4280 Product details

• 1.8 V to 5.5 V Input Voltage range
• Very Low RDS(ON), typically 80 mΩ (5 V)
• Slew rate limited turn-on time options
- SiP4280-1: 1 ms
- SiP4280-3: 100 µs
• Fast shutdown load discharge option
• Low quiescent current
• 4 kV ESD Rating
• 6 pin SOT23 package




Similar Part No. - SIP4280

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4280 VISHAY-SIP4280 Datasheet
307Kb / 9P
Slew Rate Controlled Load Switch
28-Nov-05
SIP4280-1-T1-E3 VISHAY-SIP4280-1-T1-E3 Datasheet
307Kb / 9P
Slew Rate Controlled Load Switch
28-Nov-05
SIP4280-3-T1-E3 VISHAY-SIP4280-3-T1-E3 Datasheet
307Kb / 9P
Slew Rate Controlled Load Switch
28-Nov-05
SIP4280A VISHAY-SIP4280A Datasheet
1Mb / 9P
Slew Rate Controlled Load Switch
11-Sep-06
SIP4280A VISHAY-SIP4280A Datasheet
479Kb / 10P
Slew Rate Controlled Load Switch
11-Sep-06
More results


Similar Description - SIP4280

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com