Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C1M16E5 Datasheet (PDF) - Alliance Semiconductor Corporation

AS4C1M16E5 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS4C1M16E5
Download  AS4C1M16E5 Download
File Size   603.53 Kbytes
Page   22 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 1M횞16 CMOS DRAM (EDO)

AS4C1M16E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4C1M16E5 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS4C1M16E5
Download  AS4C1M16E5 Click to download

File Size   603.53 Kbytes
Page   22 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 1M횞16 CMOS DRAM (EDO)

AS4C1M16E5 Datasheet (HTML) - Alliance Semiconductor Corporation


AS4C1M16E5 Product details

Functional description
The AS4C1M16E5 is a high performance 16-megabit CMOS Dynamic Random Access Memory (DRAM) organized as 1,048,576 words × 16 bits. The device is fabricated using advanced CMOS technology and innovative design techniques resulting in high speed, extremely low power and wide operating margins at component and system levels. The Alliance 16Mb DRAM family is optimized for use as main memory in personal and portable PCs, workstations, and multimedia and router switch applications.

Features
• Organization: 1,048,576 words × 16 bits
• High speed
    - 45/50/60 ns RAS access time
    - 20/20/25 ns hyper page cycle time
    - 10/12/15 ns CAS access time
• Low power consumption
    - Active: 740 mW max (AS4C1M16E5-60)
    - Standby: 5.5 mW max, CMOS DQ
• Extended data out
• 1024 refresh cycles, 16 ms refresh interval
    - RAS-only or CAS-before-RAS refresh Read-modify-write
• TTL-compatible, three-state DQ
• JEDEC standard package and pinout
    - 400 mil, 42-pin SOJ
    - 400 mil, 44/50-pin TSOP II
• 5V power supply (AS4C1M16E5)
• 3V power supply (AS4LC1M16E5)
• Industrial and commercial temperature available




Similar Part No. - AS4C1M16E5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JC ETC1-AS4C1M16F5-50JC Datasheet
485Kb / 21P
5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JI ETC1-AS4C1M16F5-50JI Datasheet
485Kb / 21P
5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TC ETC1-AS4C1M16F5-50TC Datasheet
485Kb / 21P
5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TI ETC1-AS4C1M16F5-50TI Datasheet
485Kb / 21P
5V 1M X 16 CMOS DRAM
More results


Similar Description - AS4C1M16E5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
4M x 16Bit EDO DRAM
logo
Micron Technology
MT4C1M16E5 MICRON-MT4C1M16E5 Datasheet
385Kb / 24P
EDO DRAM
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
3V 1M X 6 CMOS DRAM (EDO)
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
5V 1M X 16 CMOS DRAM
logo
Alliance Semiconductor ...
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
5V 256Kx16 CMOS DRAM (EDO)
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
3.3V 256K X 16 CMOS DRAM (EDO)
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
5V 4M횞4 CMOS DRAM (Fast Page mode)
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
4M X 4 CMOS Quad CAS DRAM (EDO) family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com