Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4LC1M16S0 Datasheet (PDF) - Alliance Semiconductor Corporation

AS4LC1M16S0 Datasheet PDF - Alliance Semiconductor Corporation
Part # AS4LC1M16S0
Download  AS4LC1M16S0 Download
File Size   721.21 Kbytes
Page   29 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM

AS4LC1M16S0 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS4LC1M16S0 Datasheet PDF - Alliance Semiconductor Corporation

Part # AS4LC1M16S0
Download  AS4LC1M16S0 Click to download

File Size   721.21 Kbytes
Page   29 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM

AS4LC1M16S0 Datasheet (HTML) - Alliance Semiconductor Corporation


AS4LC1M16S0 Product details

Features
• Organization
    - 1,048,576 words × 8 bits × 2 banks (2M × 8) 11 row, 9 column address
    - 524,288 words × 16 bits × 2 banks (1M × 16) 11 row, 8 column address
• All signals referenced to positive edge of clock, fully synchronous
• Dual internal banks controlled by A11 (bank select)
• High speed
    - 143/125/100 MHz
    - 7/8/10 ns clock access time
• Low power consumption
    - Active: 576 mW max
    - Standby: 7.2 mW max, CMOS I/O
• 2048 refresh cycles, 32 ms refresh interval
• 4096 refresh cycles, 64 ms refresh interval
• Auto refresh and self refresh
• PC100 functionality
• Automatic and direct precharge including concurrent autoprecharge
• Burst read, write/Single write
• Random column address assertion in every cycle, pipelined operation
• LVTTL compatible I/O
• 3.3V power supply
• JEDEC standard package, pinout and function
    - 400 mil, 44-pin TSOP 2 (2M × 8)
    - 400 mil, 50-pin TSOP 2 (1M × 16)
• Read/write data masking
• Programmable burst length (1/2/4/8/ full page)
• Programmable burst sequence (sequential/interleaved)
• Programmable CAS latency (1/2/3)




Similar Part No. - AS4LC1M16S0

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC1M16S1-10TC ALSC-AS4LC1M16S1-10TC Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
AS4LC1M16S1-12TC ALSC-AS4LC1M16S1-12TC Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
AS4LC1M16S1-8TC ALSC-AS4LC1M16S1-8TC Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
More results


Similar Description - AS4LC1M16S0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016LL SHARP-LH28F016LL Datasheet
254Kb / 29P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SA SHARP-LH28F016SA Datasheet
317Kb / 36P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F016SU SHARP-LH28F016SU Datasheet
326Kb / 37P
16M (1M 횞 16, 2M 횞 8) Flash Memory
LH28F800SU SHARP-LH28F800SU Datasheet
328Kb / 38P
8M (512K 횞 16, 1M 횞 8) Flash Memory
LHF16J04 SHARP-LHF16J04 Datasheet
2Mb / 47P
Flash Memory 16M (1M 횞 16/2M 횞 8)
LHF32J06 SHARP-LHF32J06 Datasheet
2Mb / 50P
Flash Memory 32M (2M 횞 16/4M 횞 8)
LHF80V07 SHARP-LHF80V07 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞 8/512K 횞 16)
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
logo
Sharp Corporation
LHF16J06 SHARP-LHF16J06 Datasheet
225Kb / 47P
Flash Memory 16M (1M 횞 16 / 2M 횞 8)
logo
Cypress Semiconductor
CY62167GN CYPRESS-CY62167GN Datasheet
532Kb / 19P
16-Mbit (1M 횞 16/2M 횞 8) Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com