Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC401BCD Datasheet (PDF) - Vishay Siliconix

SIC401BCD Datasheet PDF - Vishay Siliconix
Part # SIC401BCD
Download  SIC401BCD Download
File Size   2132.4 Kbytes
Page   30 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO

SIC401BCD Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC401BCD Datasheet PDF - Vishay Siliconix

Part # SIC401BCD
Download  SIC401BCD Click to download

File Size   2132.4 Kbytes
Page   30 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO

SIC401BCD Datasheet (HTML) - Vishay Siliconix


SIC401BCD Product details

• High efficiency > 93 %
• 15 A continuous output current capability
• Integrated bootstrap switch
• Programmable 200 mA LDO with bypass logic
• Temperature compensated current limit
• All ceramic solution enabled
• Pseudo fixed-frequency adaptive on-time control
• Programmable input UVLO threshold
• Independent enable pin for switcher and LDO
• Selectable ultra sonic power-save mode (SiC401A)
• Selectable power-save mode (SiC401B)
• Programmable soft-start and soft-shutdown
• 1 % internal reference voltage
• Power good output
• Over voltage and under voltage protections




Similar Part No. - SIC401BCD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401BCD-T1-GE3 VISHAY-SIC401BCD-T1-GE3 Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC401BCD-T1GE3 VISHAY-SIC401BCD-T1GE3 Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
More results


Similar Description - SIC401BCD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
19-Mar-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
04-Feb-13
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com