Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC417 Datasheet (PDF) - Vishay Siliconix

SIC417 Datasheet PDF - Vishay Siliconix
Part # SIC417
Download  SIC417 Download
File Size   930.79 Kbytes
Page   21 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO

SIC417 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC417 Datasheet PDF - Vishay Siliconix

Part # SIC417
Download  SIC417 Click to download

File Size   930.79 Kbytes
Page   21 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description microBUCKTM SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO

SIC417 Datasheet (HTML) - Vishay Siliconix


SIC417 Product details

• High efficiency > 92 %
• Internal power MOSFETs:
High-side RDS(ON) = 27 mΩ
Low-side RDS(ON) = 9 mΩ
• Integrated bootstrap diode
• Integrated configurable 150 mA LDO with bypass logic
• Temperature compensated current limit
• Pseudo fixed-frequency adaptive on-time control
• All ceramic solution enabled
• Programmable input UVLO threshold
• Independent enable pin for switcher and LDO
• Selectable ultra-sonic power-save mode
• Internal soft-start and soft-shutdown
• 1 % internal reference voltage
• Power good output and over voltage protection
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC




Similar Part No. - SIC417

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC417 VISHAY-SIC417 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC417CD-T1-E3 VISHAY-SIC417CD-T1-E3 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC417CD-T1-E3 VISHAY-SIC417CD-T1-E3 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC417DB VISHAY-SIC417DB Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
More results


Similar Description - SIC417

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
15-Aug-11
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
04-Feb-13
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
19-Mar-12
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC413 VISHAY-SIC413_13 Datasheet
377Kb / 18P
microBUCKTM SiC413 4-A, 26-V Integrated Synchronous Buck Regulator
26-Oct-09
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
microBUCK® SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
19-Mar-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com