Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OJS22WX Datasheet (PDF) - ETA-USA

OJS22WX Datasheet PDF - ETA-USA
Part # OJS22WX
Download  OJS22WX Download
File Size   375.81 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V 2 CHANNELS OUTPUT 10 WATTS

OJS22WX Datasheet (PDF)

Go To PDF Page Download Datasheet
OJS22WX Datasheet PDF - ETA-USA

Part # OJS22WX
Download  OJS22WX Click to download

File Size   375.81 Kbytes
Page   3 Pages
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA
Description AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V 2 CHANNELS OUTPUT 10 WATTS

OJS22WX Datasheet (HTML) - ETA-USA


OJS22WX Product details

Input Voltage:AC100-240V(DC130-320V)
Input Range: AC85-264V(DC110-370V)
Input Current: 0.3-0.13A
Frequency: 50/60Hz
Input Frequency Range:47-440Hz
Phase: Single
Inrush Current: *1 20A(typical) at AC100V/48A(typical) at AC240V
Leakage Current:45uA(typical) at Ta=25C and AC100Vin, 50Hz(measured by Yokogawa
type-3226 1K Ohm/0.1uF)




Similar Part No. - OJS22WX

ManufacturerPart #DatasheetDescription
logo
ETA-USA
OJS24SA ETA-USA-OJS24SA Datasheet
337Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132 SINGLE CHANNEL OUTPUT 10 WATTS
OJS24SX ETA-USA-OJS24SX Datasheet
227Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 10 WATTS
More results


Similar Description - OJS22WX

ManufacturerPart #DatasheetDescription
logo
ETA-USA
BJS-FWA-U ETA-USA-BJS-FWA-U Datasheet
1Mb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V DUAL CHANNEL OUTPUT 10 WATTS
BJS-SA-U ETA-USA-BJS-SA-U Datasheet
1Mb / 6P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132V SINGLE CHANNEL OUTPUT 150 WATTS
ERS-SA ETA-USA-ERS-SA Datasheet
837Kb / 3P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
OJS-SA ETA-USA-OJS-SA Datasheet
337Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~132 SINGLE CHANNEL OUTPUT 10 WATTS
OJS-SX ETA-USA-OJS-SX Datasheet
227Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 10 WATTS
VTS-SA ETA-USA-VTS-SA Datasheet
1Mb / 4P
AC/DC SWITCHING POWER SUPPLY INPUT: 85~132VAC SINGLE OUTPUT 10 WATTS
BFD-SX-U1 ETA-USA-BFD-SX-U1 Datasheet
296Kb / 5P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264V SINGLE CHANNEL OUTPUT 100 WATTS
BFE-SX-U1 ETA-USA-BFE-SX-U1 Datasheet
306Kb / 4P
AC/DC SWITCHING POWER SUPPLY AC INPUT 85~264 SINGLE CHANNEL OUTPUT 150 WATTS
ERE-SB-U ETA-USA-ERE-SB-U Datasheet
307Kb / 3P
AC/DC SWITCHING POWER SUPPLY AC INPUT 170~264V SINGLE CHANNEL OUTPUT 150 WATTS
WRG-SX-U ETA-USA-WRG-SX-U Datasheet
1Mb / 5P
AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 600 WATTS 85~132V/170~264V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com