Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8600-SDS Datasheet (PDF) - NXP Semiconductors

FS8600-SDS Datasheet PDF - NXP Semiconductors
Part # FS8600-SDS
Download  FS8600-SDS Download
File Size   527.27 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fail-safe system basis chip with multiple SMPSs and LDOs

FS8600-SDS Datasheet (PDF)

Go To PDF Page Download Datasheet
FS8600-SDS Datasheet PDF - NXP Semiconductors

Part # FS8600-SDS
Download  FS8600-SDS Click to download

File Size   527.27 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Fail-safe system basis chip with multiple SMPSs and LDOs

FS8600-SDS Datasheet (HTML) - NXP Semiconductors


FS8600-SDS Product details

General description
The FS86 device family, SW compatible with FS84/85 family, expands the power
capability, the safety integration and system scalability of domain controller applications
to address the multiple MCU requirements present in ADAS and Electrification.
The FS86 includes multiple switch mode and linear voltage regulators and enhanced
safety features with Fail-Safe outputs. The latest NXP HV Buck architecture features
a 15 A capability with e-fuse protection to shut down the system power to prevent
any damage in case of a harmful event. The ability to monitor ten voltages with
+/-1% accuracy extends the system safety concept by allowing QM rails from others
components to be monitored.
With its innovative synchronization feature, the FS86 is part of the BYLink System
Power Platform, enabling a new smart approach to designing Safe System Power
Management. It provides power, safety and system scalability to ease platform
development strategies. Cascaded system SBC/PMICs behave as ONE with safety and
sequencing synchronization.
The FS86 is part of a complete family of devices that offer scalability in power and safety,
and provide pin-to-pin and software compatibility. It is developed in compliance with the
ISO 26262 standard and is qualified according to AEC-Q100 requirements.

Features and benefits
Operating Range
• 60 V DC maximum input voltage for 24 V battery network applications
• 36 V DC maximum input voltage for 12 V battery network applications
• Support operating voltage range down to 4.5 V battery voltage with VPRE = 3.3 V
• Low Power OFF mode with low sleep current (10 μA typ.)
Power Supplies
• VPRE: Synchronous high voltage buck controller with external FETs
– Configurable output voltage from 3.3 V to 5.0 V and current capability up to 15 A DC
– Selectable switching frequency in force PWM with APS
• BOOST: Low voltage boost converter with integrated low-side FET
– Configurable output voltage from 5 V to 6 V and current capability up to 1 A DC
• BUCK: Low voltage integrated synchronous BUCK converter
– Configurable output voltage from 1.0 V to 3.3 V and current capability up to 2.5 A DC
• LDO1: Low voltage LDO regulator for MCU I/O and system peripheral support with load
switch capability
– Configurable output voltage from 1.5 V to 5.0 V and current capability up to 400 mA
DC
• LDO2: Medium voltage LDO regulator for MCU I/O and system peripheral support
– Configurable output voltage from 1.1 V to 5.0 V and current capability up to 400 mA
DC
System support
• 2x input pins for wake-up detection, 3.3 V compatible and battery voltage sensing
capability
• Analog Multiplexer with full System Voltages monitoring
• Enhanced leader/follower power up sequencing management thru XFAILB pin
• 10 ms optional RSTB release delay during power up for certain MCU compliancy
• Device control via 32 bits I2C interface with 8-bit CRC
Compliancy
• EMC optimization techniques on switching regulators including spread spectrum, slew
rate control and manual frequency tuning
• EMI robustness supporting various automotive EMI Test standards
• Conducted Emission: IEC 61967-4
• Conducted Immunity: IEC 62132-4
• Radiated emission: FMC1278 rev. 3 from 2018
• Radiated immunity: FMC1278 from 2018 and ISO11452-4
Functional Safety
• Scalable portfolio to fit for ASIL B to ASIL D Automotive Safety Systems
• Independent voltage Monitoring Circuitry
• Up to 10 voltage monitoring input for FS86 and external PMIC voltage rails with 1 %
target accuracy
• Dedicated interface for MCU monitoring with simple or challenger watchdog monitoring
• MCU hardware failure monitoring with PWM monitoring capability
• External IC failure monitoring
• Logical and Analog Built-in Self-Test
• Safety Outputs with latent fault detection mechanism (PGOOD, RSTB, FS0B)
Configuration and Enablement
• QFN 48 pins with exposed pad for optimized thermal management
• OTP programming for device customization

Applications
• Domain controller (ADAS, electrification, Infotainment, etc.)
• Radar (radar, imaging radar)
• Vision (mono camera, stereo camera, night vision, etc.)
• 24 V battery network (60 V maximum): Truck, bus, transportation
• 12 V battery network (36 V maximum): Automotive




Similar Part No. - FS8600-SDS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FS8600_SDS NXP-FS8600_SDS Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
FS8600_SDS NXP-FS8600_SDS_V01 Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
More results


Similar Description - FS8600-SDS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
PF5030_SDS NXP-PF5030_SDS Datasheet
354Kb / 20P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1 - 22 November 2022
FS8600_SDS NXP-FS8600_SDS_V01 Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
PF5030_SDS NXP-PF5030_SDS_V01 Datasheet
394Kb / 21P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2 - 17 March 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com