Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet (PDF) - NXP Semiconductors

UJA1069 Datasheet PDF - NXP Semiconductors
Part # UJA1069
Download  UJA1069 Download
File Size   310.45 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LIN fail-safe system basis chip

UJA1069 Datasheet (PDF)

Go To PDF Page Download Datasheet
UJA1069 Datasheet PDF - NXP Semiconductors

Part # UJA1069
Download  UJA1069 Click to download

File Size   310.45 Kbytes
Page   64 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description LIN fail-safe system basis chip

UJA1069 Datasheet (HTML) - NXP Semiconductors


UJA1069 Product details

General description
The UJA1069 fail-safe System Basis Chip (SBC) replaces basic discrete components which are common in every Electronic Control Unit (ECU) with a Local Interconnect Network (LIN) interface. The fail-safe SBC supports all networking applications which control various power and sensor peripherals by using LIN as a local sub-bus.

Features
General
■ Contains a full set of LIN ECU functions:
    ◆ LIN transceiver
    ◆ Voltage regulator for the microcontroller (5.0 V)
    ◆ Enhanced window watchdog with on-chip oscillator
    ◆ Serial Peripheral Interface (SPI) for the microcontroller
    ◆ ECU power management system
    ◆ Fully integrated autonomous fail-safe system
■ Designed for automotive applications:
    ◆ Supports 14 V and 42 V architectures
    ◆ Excellent ElectroMagnetic Compatibility (EMC) performance
    ◆ ±8 kV ElectroStatic Discharge (ESD) protection Human Body Model (HBM) for off-board pins
    ◆ ±4 kV ElectroStatic Discharge (ESD) protection IEC 61000-4-2 for off-board pins
    ◆ ±60 V short-circuit proof LIN-bus pin
    ◆ Battery and LIN-bus pins are protected against transients in accordance with ISO 7637-3
    ◆ Very low sleep current
■ Supports remote flash programming via the LIN-bus
■ Available in:
    ◆ Small 6.4 mm × 7.8 mm HTSSOP24 package with low thermal resistance
    ◆ Small 8 mm × 11 mm HTSSOP32 package with low thermal resistance

LIN transceiver
■ LIN 2.0 and SAE J2602 compliant LIN transceiver
■ Enhanced error signalling and reporting
■ Downward compatible with LIN 1.3 and the TJA1020

Power management
■ Smart operating modes and power management modes
■ Cyclic wake-up capability in Standby and Sleep mode
■ Local wake-up input with cyclic supply feature
■ Remote wake-up capability via the LIN-bus
■ External voltage regulators can easily be incorporated in the power supply system (flexible and fail-safe)
■ 42 V battery related high-side switch for driving external loads such as relays and wake-up switches
■ Intelligent maskable interrupt output

Fail-safe features
■ Safe and predictable behavior under all conditions
■ Programmable fail-safe coded window and time-out watchdog with on-chip oscillator, guaranteeing autonomous fail-safe system supervision
■ Fail-safe coded 16-bit SPI interface for the microcontroller
■ Global enable pin for the control of safety-critical hardware
■ Detection and detailed reporting of failures:
    ◆ On-chip oscillator failure and watchdog alerts
    ◆ Battery and voltage regulator undervoltages
    ◆ LIN-bus failures (short-circuits)
    ◆ TXDL and RXDL clamping situations and short-circuits
    ◆ Clamped or open reset line
    ◆ SPI message errors
    ◆ Overtemperature warning
■ Rigorous error handling based on diagnostics
■ Supply failure early warning allows critical data to be stored
■ 23 bits of access-protected RAM is available e.g. for logging of cyclic problems
■ Reporting in a single SPI message; no assembly of multiple SPI frames needed
■ Limp-home output signal for activating application hardware in case system enters Fail-safe mode (e.g. for switching on warning lights)
■ Fail-safe coded activation of Software development mode and Flash mode
■ Unique SPI readable device type identification
■ Software-initiated system reset




Similar Part No. - UJA1069

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069TW PHILIPS-UJA1069TW Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069TW NXP-UJA1069TW Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069TW24 PHILIPS-UJA1069TW24 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
More results


Similar Description - UJA1069

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
FS8600-SDS NXP-FS8600-SDS Datasheet
527Kb / 15P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1.1-23 November 2021
PF5030_SDS NXP-PF5030_SDS Datasheet
354Kb / 20P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1 - 22 November 2022
FS8600_SDS NXP-FS8600_SDS_V01 Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com