Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 3Page - NXP Semiconductors UJA1069 Datasheet HTML 4Page - NXP Semiconductors UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
7 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
The exposed die pad at the bottom of the package allows better dissipation of heat from
the SBC via the printed-circuit board. The exposed die pad is not connected to any active
part of the IC and can be left floating, or can be connected to GND for the best EMC
performance.
6.
Functional description
6.1 Introduction
The UJA1069 combines all peripheral functions around a microcontroller within typical
automotive networking applications into one dedicated chip. The functions are as follows:
• Power supply for the microcontroller
• Switched BAT42 output
• System reset
• Watchdog with Window mode and Time-out mode
• On-chip oscillator
• LIN transceiver for serial communication
• SPI control interface
• Local wake-up input
• Inhibit or limp-home output
• System inhibit output port
• Compatibility with 42 V power supply systems
• Fail-safe behavior
6.2 Fail-safe system controller
The fail-safe system controller is the core of the UJA1069 and is supervised by a
watchdog timer which is clocked directly by the dedicated on-chip oscillator. The system
controller manages the register configuration and controls all internal functions of the
SBC. Detailed device status information is collected and presented to the microcontroller.
The system controller also provides the reset and interrupt signals.
The fail-safe system controller is a state machine. The different operating modes and the
transitions between these modes are illustrated in Figure 4. The following sections give
further details about the SBC operating modes.
V3
30
22
unregulated 42 V output (BAT42 related; continuous
output, or cyclic mode synchronized with local wake-up
input)
SENSE
31
23
fast battery interrupt / chatter detector input
BAT42
32
24
42 V battery supply input (connect this pin to BAT14 in
14 V applications)
Table 2.
Pin description …continued
Symbol
Pin
Description
HTSSOP32 HTSSOP24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com