Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 45Page - NXP Semiconductors UJA1069 Datasheet HTML 46Page - NXP Semiconductors UJA1069 Datasheet HTML 47Page - NXP Semiconductors UJA1069 Datasheet HTML 48Page - NXP Semiconductors UJA1069 Datasheet HTML 49Page - NXP Semiconductors UJA1069 Datasheet HTML 50Page - NXP Semiconductors UJA1069 Datasheet HTML 51Page - NXP Semiconductors UJA1069 Datasheet HTML 52Page - NXP Semiconductors UJA1069 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
49 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
(1) Types 5V0, 3V3 and 3V0.
(2) Type 5V0 only.
a. At Tj = −40 °C, +25 °C and +150 °C.
(1) Types 5V0, 3V3 and 3V0.
(2) Types 3V3 and 3V0.
b. At Tj = −40 °C to +150 °C.
Fig 18. V1 quiescent current as a function of output current
IV1 (mA)
0
−250
−200
−100
−150
−50
001aaf246
4
6
2
8
10
IBAT14 − IV1
(mA)
0
Tj = +150 °C
5.5 V(2)
VBAT14 = 8 V(1)
Tj = −40 °C
+25
°C
−40 °C
+25
°C
+150
°C
IV1 (mA)
0
−250
−200
−100
−150
−50
001aaf247
2
3
1
4
5
IBAT14 − IV1
(mA)
0
VBAT14 = 9 V to 27 V(1)
5.5 V(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com