Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 35Page - NXP Semiconductors UJA1069 Datasheet HTML 36Page - NXP Semiconductors UJA1069 Datasheet HTML 37Page - NXP Semiconductors UJA1069 Datasheet HTML 38Page - NXP Semiconductors UJA1069 Datasheet HTML 39Page - NXP Semiconductors UJA1069 Datasheet HTML 40Page - NXP Semiconductors UJA1069 Datasheet HTML 41Page - NXP Semiconductors UJA1069 Datasheet HTML 42Page - NXP Semiconductors UJA1069 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
39 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
6.13.2 Forced normal mode
For system evaluation purposes the UJA1069 offers the Forced normal mode. This mode
is strictly for evaluation purposes only. In this mode the characteristics as defined in
Section 9 and Section 10 cannot be guaranteed.
In Forced normal mode the SBC behaves as follows:
• SPI access (writing and reading) is blocked
• Watchdog disabled
• Interrupt monitoring disabled
• Reset monitoring disabled
• Reset lengthening disabled
• All transitions to Fail-safe mode are disabled, except a V1 undervoltage for more than
tV1(CLT)
• V1 is started with the long reset time tRSTNL. In case of a V1 undervoltage, a reset is
performed until V1 is restored (normal behavior), and the SBC stays in Forced normal
mode; in case of an overload at V1 > tV1(CLT) Fail-safe mode is entered
• V3 is on; overload protection active
• LIN is in Active mode and cannot switch to Off-line mode
• INH/LIMP pin is HIGH
• SYSINH is HIGH
• EN pin at same level as RSTN pin
Forced normal mode is activated by applying the correct Vth(TEST) input voltage at the
TEST pin during first battery connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com