Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 4Page - NXP Semiconductors UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors UJA1069 Datasheet HTML 10Page - NXP Semiconductors UJA1069 Datasheet HTML 11Page - NXP Semiconductors UJA1069 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
8 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Fig 4.
Main state diagram
001aad670
flash entry enabled (111/001/111 mode sequence)
OR mode change to Sleep with pending wake-up
OR watchdog not properly served
OR interrupt ignored
> tRSTN(INT)
OR RSTN falling edge detected
OR V1 undervoltage detected
OR illegal Mode register code
wake-up detected with its wake-up interrupt disabled
OR mode change to Sleep with pending wake-up
OR watchdog time-out with watchdog timeout interrupt disabled
OR watchdog OFF and IV1 > IthH(V1) with reset option
OR interrupt ignored
> tRSTN(INT)
OR RSTN falling edge detected
OR V1 undervoltage detected
OR illegal Mode register code
Start-up mode
V1: ON
SYSINH: HIGH
LIN: off-line
watchdog: start-up
INH/LIMP: HIGH/LOW/float
EN: LOW
Restart mode
V1: ON
SYSINH: HIGH
LIN: off-line
watchdog: start-up
INH/LIMP: LOW/float
EN: LOW
Sleep mode
V1: OFF
SYSINH: HIGH/float
LIN: off-line
watchdog: time-out/OFF
INH/LIMP: LOW/float
RSTN: LOW
EN: LOW
Fail-safe mode
V1: OFF
SYSINH: HIGH/float
LIN: off-line
watchdog: OFF
INH/LIMP: LOW
RSTN: LOW
EN: LOW
Normal mode
V1: ON
SYSINH: HIGH
LIN: all modes available
watchdog: window
INH/LIMP: HIGH/LOW/float
EN: HIGH/LOW
Flash mode
V1: ON
SYSINH: HIGH
LIN: all modes available
watchdog: time-out
INH/LIMP: HIGH/LOW/float
EN: HIGH/LOW
Standby mode
V1: ON
SYSINH: HIGH
LIN: off-line
watchdog: time-out/OFF
INH/LIMP: HIGH/LOW/float
EN: HIGH/LOW
mode change via SPI
mode change via SPI
mode change via SPI
wake-up detected
OR watchdog time-out
OR V3 overload detected
wake-up detected
AND oscillator ok
AND t
> tret
t
> tWD(init)
OR SPI clock count
<> 16
OR RSTN falling edge detected
OR RSTN released and V1 undervoltage detected
OR illegal Mode register code
t
> tWD(init)
OR SPI clock count
<> 16
OR RSTN falling edge detected
OR RSTN released and V1 undervoltage detected
OR illegal Mode register code
leave Flash mode code
OR watchdog time-out
OR interrupt ignored
> tRSTN(INT)
OR RSTN falling edge detected
OR V1 undervoltage detected
OR illegal Mode register code
init Flash mode via SPI
AND flash entry enabled
init Normal mode
via SPI successful
init Normal mode
via SPI successful
supply connected
for the first time
from any
mode
oscillator fail
OR RSTN externally clamped HIGH detected
> tRSTN(CHT)
OR RSTN externally clamped LOW detected
> tRSTN(CLT)
OR V1 undervoltage detected
> tV1(CLT)
watchdog
trigger
watchdog
trigger
mode change via SPI
watchdog
trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com