Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJA1069 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 3 Page - NXP Semiconductors

  UJA1069 Datasheet HTML 1Page - NXP Semiconductors UJA1069 Datasheet HTML 2Page - NXP Semiconductors UJA1069 Datasheet HTML 3Page - NXP Semiconductors UJA1069 Datasheet HTML 4Page - NXP Semiconductors UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
3 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
2.4 Fail-safe features
I Safe and predictable behavior under all conditions
I Programmable fail-safe coded window and time-out watchdog with on-chip oscillator,
guaranteeing autonomous fail-safe system supervision
I Fail-safe coded 16-bit SPI interface for the microcontroller
I Global enable pin for the control of safety-critical hardware
I Detection and detailed reporting of failures:
N On-chip oscillator failure and watchdog alerts
N Battery and voltage regulator undervoltages
N LIN-bus failures (short-circuits)
N TXD and RXD clamping situations and short-circuits
N Clamped or open reset line
N SPI message errors
N Overtemperature warning
I Rigorous error handling based on diagnostics
I Supply failure early warning allows critical data to be stored
I 23 bits of access-protected RAM is available e.g. for logging of cyclic problems
I Reporting in a single SPI message; no assembly of multiple SPI frames needed
I Limp-home output signal for activating application hardware in case system enters
Fail-safe mode (e.g. for switching on warning lights)
I Fail-safe coded activation of Software development mode and Flash mode
I Unique SPI readable device type identification
I Software-initiated system reset
3.
Ordering information
[1]
UJA1069TW/5V0 is for the 5 V version; UJA1069TW/3V3 is for the 3.3 V version; UJA1069TW/3V0 is for the 3 V version.
[2]
UJA1069TW24/5V0 is for the 5 V version; UJA1069TW24/3V3 is for the 3.3 V version; UJA1069TW/3V0 is for the 3 V version.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UJA1069TW[1]
HTSSOP32
plastic thermal enhanced thin shrink small outline package; 32 leads;
body width 6.1 mm; lead pitch 0.65 mm; exposed die pad
SOT549-1
UJA1069TW24[2]
HTSSOP24
plastic thermal enhanced thin shrink small outline package; 24 leads;
body width 4.4 mm; lead pitch 0.65 mm; exposed die pad
SOT864-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com