Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4724 Datasheet (PDF) - Vishay Siliconix

SI4724 Datasheet PDF - Vishay Siliconix
Part # SI4724
Download  SI4724 Download
File Size   176.59 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel Synchronous MOSFETs With Break-Before-Make

SI4724 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4724 Datasheet PDF - Vishay Siliconix

Part # SI4724
Download  SI4724 Click to download

File Size   176.59 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel Synchronous MOSFETs With Break-Before-Make

SI4724 Datasheet (HTML) - Vishay Siliconix


SI4724 Product details

FEATURES
• 0 V to 30 V operation
• Driver impedance-3
• Undervoltage lockout
• Fast switching times
• 30 V MOSFETs
• High side: 0.0375 at VDD = 4.5 V
• Low side: 0.029 at VDD = 4.5 V
• Switching frequency: 250 kHz to 1 MHz
• Integrated schottky

DESCRIPTION
The Si4724CY N-Channel synchronous MOSFET with
break-before-make (BBM) is a high speed driver designed to
operate in high frequency DC/DC switchmode power
supplies. It’s purpose is to simplify the use of N-Channel
MOSFETs in high frequency buck regulators. This device is
designed to be used with any single output PWM IC or ASIC
to produce a highly efficient low cost synchronous rectifier
converter. A synchronous enable pin (disable = low,
enable = high) controls the synchronous function for light
load conditions.
The Si4724CY is packaged in Vishay Siliconix’s high
performance LITTLE FOOT® SO-16 package.




Similar Part No. - SI4724

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4724 VISHAY-SI4724 Datasheet
161Kb / 11P
N-Channel Synchronous MOSFETs With Break-Before-Make
13-Jun-11
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
N-Channel Synchronous MOSFETs with Break-Before-Make
19-May-03
SI4724CY VISHAY-SI4724CY Datasheet
413Kb / 8P
N-Channel Synchronous MOSFETs
14-Mar-05
SI4724CY-T1 VISHAY-SI4724CY-T1 Datasheet
161Kb / 11P
N-Channel Synchronous MOSFETs With Break-Before-Make
13-Jun-11
SI4724CY-T1-E3 VISHAY-SI4724CY-T1-E3 Datasheet
161Kb / 11P
N-Channel Synchronous MOSFETs With Break-Before-Make
13-Jun-11
More results


Similar Description - SI4724

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41101 VISHAY-SIP41101 Datasheet
102Kb / 6P
Half-Bridge N-Channel MOSFET Driver With Break-Before-Make
11-Aug-03
SI4724CY VISHAY-SI4724CY Datasheet
70Kb / 8P
N-Channel Synchronous MOSFETs with Break-Before-Make
19-May-03
SI4726CY VISHAY-SI4726CY Datasheet
72Kb / 9P
N-Channel Synchronous MOSFETs with Break-Before-Make
03-Feb-03
SI4728CY VISHAY-SI4728CY Datasheet
77Kb / 9P
N-Channel Synchronous MOSFETs with Break-Before-Make
03-Feb-03
SI4724 VISHAY-SI4724 Datasheet
161Kb / 11P
N-Channel Synchronous MOSFETs With Break-Before-Make
13-Jun-11
logo
Pasternack Enterprises,...
PE71S6128 PASTERNACK-PE71S6128 Datasheet
464Kb / 4P
Switching Sequence Break Before Make
PE71S6129 PASTERNACK-PE71S6129 Datasheet
462Kb / 4P
Switching Sequence Break Before Make
PE71S6130 PASTERNACK-PE71S6130 Datasheet
455Kb / 4P
Switching Sequence Break Before Make
PE71S6131 PASTERNACK-PE71S6131 Datasheet
432Kb / 4P
Switching Sequence Break Before Make
PE71S6132 PASTERNACK-PE71S6132 Datasheet
492Kb / 4P
Switching Sequence Break Before Make
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com