Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201804 Datasheet (PDF) - PHOENIX CONTACT

2201804 Datasheet PDF - PHOENIX CONTACT
Part # 2201804
Download  2201804 Download
File Size   1814.53 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Component housing

2201804 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201804 Datasheet PDF - PHOENIX CONTACT

Part # 2201804
Download  2201804 Click to download

File Size   1814.53 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Component housing

2201804 Datasheet (HTML) - PHOENIX CONTACT


2201804 Product details

Description
The housings of the ME-IO 18,8... product range consist of
a 18.8 mm wide lower housing part with space for the PCB
assembly.
The lower housing part can be combined with various housing
covers. The lower housing part is subdivided into 9 units
(1 Unit = 11 mm). These units can be combined with connectors
and housing covers in various ways.
The connectors correspond to a unit and have a push-in
connection. There are 4-pos. connectors for conductor
cross sections of up to 2.5 mm
2
, and 6-pos. connectors for
conductor cross sections of up to 1.5 mm
2
. Partially assembled
or TWIN variants are also available. All in all, the 4-pos.
connectors allow for a maximum of 36 positions in a single
housing. The 6-pos. connectors even allow for up to 54 positions.
As a counter-part to the connectors, there are headers
in 2 or 3 unit versions for soldering onto the PCB.
The housing covers in 2 to 7 unit versions are especially
suited for installing connection systems such as USB or
D-SUB as well as display and operating elements. We
would be glad to install the required openings for you.
The housings can be snapped onto an NS 35 DIN rail.
It is possible to use the housings with a DIN rail connector
by means of which communication can be established between
the housings, or the supply voltage can be transmitted.




Similar Part No. - 2201804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201801 PHOENIX-2201801 Datasheet
109Kb / 6P
Housing cover - ME-IO 18,8 C 3U S1 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
More results


Similar Description - 2201804

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
LCD Component
logo
Pomona Electronics
4656 POMONA-4656 Datasheet
21Kb / 1P
Component Housing Five BNC Females
logo
PHOENIX CONTACT
2896998 PHOENIX-2896998 Datasheet
49Kb / 1P
Component housing, color: orange
2202316 PHOENIX-2202316 Datasheet
56Kb / 2P
Component housing - HS LC-H-D2/ R2XC1-2,54
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
102981 PHOENIX-102981 Datasheet
937Kb / 45P
Installation component housing of the BCseries
logo
WAGO Kontakttechnik Gmb...
2042-321 WAGO-2042-321 Datasheet
265Kb / 6P
Empty component plug housing; 4-pole; transparent housing; with fiber optics
25.11.2021
2042-331 WAGO-2042-331 Datasheet
291Kb / 6P
Empty component plug housing; 6-pole; transparent housing; with fiber optics
24.11.2021
2042-341 WAGO-2042-341 Datasheet
270Kb / 6P
Empty component plug housing; 8-pole; transparent housing; with fiber optics
24.11.2021
2042-351 WAGO-2042-351 Datasheet
279Kb / 6P
Empty component plug housing; 10-pole; transparent housing; with fiber optics
24.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com