Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4656 Datasheet (PDF) - Pomona Electronics

4656 Datasheet PDF - Pomona Electronics
Part # 4656
Download  4656 Download
File Size   21.75 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Component Housing Five BNC Females

4656 Datasheet (PDF)

Go To PDF Page Download Datasheet
4656 Datasheet PDF - Pomona Electronics

Part # 4656
Download  4656 Click to download

File Size   21.75 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Component Housing Five BNC Females

4656 Datasheet (HTML) - Pomona Electronics


4656 Product details

MATERIALS:
   Connector: 5 ea. BNC Female.
   Nominal Impedance: 50 Ohms
   Finish: Tarnish Resistant
   Screw/Solder Turret: 2 ea. #4-40. Steel
   Housing: Die cast Aluminum, Alloy A380 or A394.
   Finish: Blue paint per Federal Standard 595, #25109 over Phosphoric etch
   Marking: POMONA ELECTRONICS, CALIF.
   Cover: 16.0 (.063) thick Aluminum Alloy 1100-H14 pr QQ-A-250/1.
   Finish: Clear Anodized
   Screw: 4 ea. #2-32 x ¼” pan head, self-tapping. Steel




Similar Part No. - 4656

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4656 ETC2-4656 Datasheet
589Kb / 1P
TRANSISTOR MICA INSULATORS
logo
Heyco.
4656 HEYCO-4656 Datasheet
360Kb / 1P
Heyco®-Tite EMC Brass Liquid Tight Cordgrips
logo
RAF ELECTRONIC HARDWARE
4656-1032-SS RAF-4656-1032-SS Datasheet
96Kb / 1P
3/8 HEX MALE FEMALE STANDOFFS
logo
Turck, Inc.
46560 TURCK-46560 Datasheet
374Kb / 3P
Inductive Sensor
11/07/2023
4656093 TURCK-4656093 Datasheet
388Kb / 3P
Inductive Sensor
11/07/2023
More results


Similar Description - 4656

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2099 POMONA-2099 Datasheet
33Kb / 1P
Phenolic Box, Component Mounting BNC Female To BNC Male
3302 POMONA-3302 Datasheet
28Kb / 1P
Shielded Aluminum Box, Size F With BNC Females Both Ends
3839 POMONA-3839 Datasheet
22Kb / 1P
BNC Cap for Females, With Bead Chain
logo
PHOENIX CONTACT
2896998 PHOENIX-2896998 Datasheet
49Kb / 1P
Component housing, color: orange
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
102981 PHOENIX-102981 Datasheet
937Kb / 45P
Installation component housing of the BCseries
logo
WAGO Kontakttechnik Gmb...
2042-331 WAGO-2042-331 Datasheet
291Kb / 6P
Empty component plug housing; 6-pole; transparent housing; with fiber optics
24.11.2021
2042-351 WAGO-2042-351 Datasheet
279Kb / 6P
Empty component plug housing; 10-pole; transparent housing; with fiber optics
24.11.2021
logo
PHOENIX CONTACT
2805025 PHOENIX-2805025 Datasheet
59Kb / 3P
Housing - BNC-DV-LG
09/12/2020
105787 PHOENIX-105787 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com