Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361 Datasheet (PDF) - Analog Devices

AD9361 Datasheet PDF - Analog Devices
Part # AD9361
Download  AD9361 Download
File Size   639.8 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF Agile Transceiver

AD9361 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9361 Datasheet PDF - Analog Devices

Part # AD9361
Download  AD9361 Click to download

File Size   639.8 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF Agile Transceiver

AD9361 Datasheet (HTML) - Analog Devices


AD9361 Product details

GENERAL DESCRIPTION
The AD9361 is a high performance, highly integrated radio
frequency (RF) Agile Transceiver™ designed for use in 3G and
4G base station applications. Its programmability and wideband capability make it ideal for a broad range of transceiver applications.
The device combines a RF front end with a flexible mixed-signal
baseband section and integrated frequency synthesizers, simplifying design-in by providing a configurable digital interface to a
processor. The AD9361 receiver LO operates from 70 MHz to 6.0 GHz and the transmitter LO operates from 47 MHz to 6.0 GHz
range, covering most licensed and unlicensed bands. Channel bandwidths from less than 200 kHz to 56 MHz are supported. The two independent direct conversion receivers have state-of-the-
art noise figure and linearity. Each receive (RX) subsystem includes
independent automatic gain control (AGC), dc offset correction, quadrature correction, and digital filtering, thereby eliminating
the need for these functions in the digital baseband. The AD9361
also has flexible manual gain modes that can be externally
controlled. Two high dynamic range analog-to-digital converters (ADCs) per channel digitize the received I and Q signals and pass
them through configurable decimation filters and 128-tap finite impulse response (FIR) filters to produce a 12-bit output signal at the appropriate sample rate. The transmitters use a direct conversion architecture that achieves high modulation accuracy with ultralow noise. This transmitter design produces a best in class TX error vector magnitude (EVM)
of <−40 dB, allowing significant system margin for the external
power amplifier (PA) selection. The on-board transmit (TX) power monitor can be used as a power detector, enabling highly accurate TX power measurements. The fully integrated phase-locked loops (PLLs) provide low
power fractional-N frequency synthesis for all receive and
transmit channels. Channel isolation, demanded by frequency division duplex (FDD) systems, is integrated into the design.
All VCO and loop filter components are integrated. The core of the AD9361 can be powered directly from a 1.3 V
regulator. The IC is controlled via a standard 4-wire serial port and four real-time input/output control pins. Comprehensive
power-down modes are included to minimize power consumption
during normal use. The AD9361 is packaged in a 10 mm × 10 mm,
144-ball chip scale package ball grid array (CSP_BGA).

FEATURES
RF 2 × 2 transceiver with integrated 12-bit DACs and ADCs TX band: 47 MHz to 6.0 GHz RX band: 70 MHz to 6.0 GHz Supports TDD and FDD operation
Tunable channel bandwidth: <200 kHz to 56 MHz Dual receivers: 6 differential or 12 single-ended inputs Superior receiver sensitivity with a noise figure of 2 dB at
800 MHz LO RX gain control Real-time monitor and control signals for manual gain Independent automatic gain control Dual transmitters: 4 differential outputs Highly linear broadband transmitter TX EVM: ≤−40 dB
TX noise: ≤−157 dBm/Hz noise floor
TX monitor: ≥66 dB dynamic range with 1 dB accuracy Integrated fractional-N synthesizers 2.4 Hz maximum local oscillator (LO) step size
Multichip synchronization CMOS/LVDS digital interface

APPLICATIONS
Point to point communication systems Femtocell/picocell/microcell base stations General-purpose radio systems




Similar Part No. - AD9361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
AD-FMCOMMS2-EBZ
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
More results


Similar Description - AD9361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV.0
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
Frequency Agile Transceiver
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
logo
Analog Devices
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
RF Agile Transceiver
12/2020-Revision 0
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
8 GHz Agile Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com