Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet (PDF) - Analog Devices

AD9361BBCZ Datasheet PDF - Analog Devices
Part # AD9361BBCZ
Download  AD9361BBCZ Download
File Size   83.47 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF Agile Transceiver

AD9361BBCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9361BBCZ Datasheet PDF - Analog Devices

Part # AD9361BBCZ
Download  AD9361BBCZ Click to download

File Size   83.47 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description RF Agile Transceiver

AD9361BBCZ Datasheet (HTML) - Analog Devices


AD9361BBCZ Product details

GENERAL DESCRIPTION
The AD9361 is a high performance, highly integrated radio frequency (RF) Agile Transceiver™ designed for use in 3G and 4G base station applications. Its programmability and wideband capability make it ideal for a broad range of transceiver applications.
The device combines a RF front end with a flexible mixed-signal baseband section and integrated frequency synthesizers, simplifying design-in by providing a configurable digital interface to a processor. The AD9361 receiver LO operates from 70 MHz to 6.0 GHz and the transmitter LO operates from 47 MHz to 6.0 GHz range, covering most licensed and unlicensed bands. Channel bandwidths from less than 200 kHz to 56 MHz are supported.

FEATURES
   RF 2 × 2 transceiver with integrated 12-bit DACs and ADCs
   TX band: 47 MHz to 6.0 GHz
   RX band: 70 MHz to 6.0 GHz
   Supports TDD and FDD operation
   Tunable channel bandwidth: <200 kHz to 56 MHz
   Dual receivers: 6 differential or 12 single-ended inputs
   Superior receiver sensitivity with a noise figure of 2 dB at
      800 MHz LO
   RX gain control
      Real-time monitor and control signals for manual gain
      Independent automatic gain control
   Dual transmitters: 4 differential outputs
   Highly linear broadband transmitter
      TX EVM: ≤−40 dB
      TX noise: ≤−157 dBm/Hz noise floor
      TX monitor: ≥66 dB dynamic range with 1 dB accuracy
   Integrated fractional-N synthesizers
      2.4 Hz maximum local oscillator (LO) step size
   Multichip synchronization
   CMOS/LVDS digital interface

APPLICATIONS
   Point to point communication systems
   Femtocell/picocell/microcell base stations
   General-purpose radio systems




Similar Part No. - AD9361BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
AD9361BBCZ-CSL AD-AD9361BBCZ-CSL Datasheet
640Kb / 33P
RF Agile Transceiver
12/2020-Revision 0
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
More results


Similar Description - AD9361BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV.0
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
Frequency Agile Transceiver
logo
Analog Devices
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
logo
Analog Devices
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
RF Agile Transceiver
12/2020-Revision 0
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
8 GHz Agile Synthesizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com